Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-000274-001SMB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-000274-001SMB
Description  Quad PIN Diode ? Attenuator 10 - 4000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-000274-001SMB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MADP-000274-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-000274-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-000274-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-000274-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-000274-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-000274-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-000274-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
7
Quad PIN Diode π Attenuator
10 - 4000 MHz
M/A-COM Products
Rev. V2
MA4P274-1225
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Typical Performance Curves @ +25°C, 1000 - 5000 MHz, Shunt Bias = 0.75 Volts
Insertion Loss vs. Frequency
Attenuation vs. Control Voltage
Input Return Loss vs. Control Voltage
Output Return Loss vs. Control Voltage
IP3 vs. Control Voltage (10 MHz Spacing)
-24
-22
-20
-18
-16
-14
-12
-10
-8
0
5
10
15
20
1000 MHz
2000 MHZ
3000 MHZ
4000 MHZ
5000 MHZ
Control Voltage (V)
35
40
45
50
55
0
5
10
15
20
2000 MHz
3000 MHz
4000 MHz
5000 MHz
Control Voltage (V)
P1dB vs. Control Voltage
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
1000 MHz
2000 MHz
3000 MHz
4000 MHz
5000 MHz
Control Voltage (V)
-24
-22
-20
-18
-16
-14
-12
-10
-8
0
5
10
15
20
1000 MHz
2000 MHz
3000 MHz
4000 MHz
5000 MHz
Control Voltage (V)
24
26
28
30
32
34
36
38
0
5
10
15
20
1000 MHz
2000 MHz
3000 MHz
4000 MHz
5000 MHz
Control Voltage (V)
-10
-8
-6
-4
-2
0
01
23
45
Insertion Loss (20V)
Insertion Loss (10V)
Frequency (GHz)


Similar Part No. - MADP-000274-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000208 MA-COM-MADP-000208 Datasheet
109Kb / 4P
   SURMOUNT TM 8?춎 PIN Diode Pair
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
113Kb / 4P
   SURMOUNT TM 8關m PIN Diode Pair RoHS Compliant
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
109Kb / 4P
   SURMOUNT TM 8?춎 PIN Diode Pair
MADP-000208-13180W_V2 MA-COM-MADP-000208-13180W_V2 Datasheet
109Kb / 4P
   SURMOUNT TM 8?춎 PIN Diode Pair
MADP-000208 MA-COM-MADP-000208_15 Datasheet
109Kb / 4P
   PIN Diode Pair
More results

Similar Description - MADP-000274-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
M/A-COM Technology Solu...
MA4P504-1072T MA-COM-MA4P504-1072T Datasheet
132Kb / 5P
   MELF PIN Diode 1 - 4000 MHz
logo
Micronetics, Inc.
NMA2413-A2S MICRONETICS-NMA2413-A2S Datasheet
201Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-B2T MICRONETICS-NMA2413-B2T Datasheet
357Kb / 2P
   Legacy 10 MHz to 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com