Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P290-1225T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P290-1225T
Description  PIN Diode ? Quad Attenuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P290-1225T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4P290-1225T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P290-1225T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P290-1225T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P290-1225T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P290-1225T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P290-1225T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
PIN Diode
π Quad Attenuator
Rev. V3
MA4P290-1225T
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Diode Performance Curves
Typical Attenuator Performance
Series Resistance vs. Bias Current
0.10
1.00
10.00
100.00
1000.00
020
40
60
80
100
Bias Current (mA)
Total Capacitance vs. Reverse Voltage
0.1
1
0.1
1
10
100
Reverse Voltage (V)
100 MHz
1.0 GHz
INPUTIP3vsVOLTAGE
0.00
10.00
20.00
30.00
40.00
50.00
0
10203040
Voltage(V)
100MHz
1000MHz


Similar Part No. - MA4P290-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
More results

Similar Description - MA4P290-1225T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
Microsemi Corporation
UM9552 MICROSEMI-UM9552 Datasheet
105Kb / 4P
   PIN DIODE ATTENUATOR
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
   PIN DIODE ATTENUATOR
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com