Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOMSE Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CXOMSE
Description  CXOM OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CXOMSE Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CXOMSE Datasheet HTML 1Page - RSG Electronic Components GmbH CXOMSE Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YS
TEM
CERTIFIC
AT
01
10116 Rev E
CXOM OSCILLATOR
300 kHz to 120 MHz
Low Profile Miniature Surface Mount
Crystal Oscillator
GM
4.19M
A
TOP
BOTTOM
23
14
BC
D
D
E
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.256
6.50
0.263
6.68
B
0.197
5.00
0.204
5.18
C (SM1)
0.051
1.30
0.055
1.40
C (SM3/SM5) 0.055
1.40
0.063
1.60
D
0.055
1.40
0.065
1.65
E
0.060
1.52
0.070
1.78
PIN CONNECTIONS
1. Enable/Disable (E or T) or not connected (N)
2. Ground
3. Output
4.
V
DD
SUGGESTED LAND PATTERN
DIMENSIONS
0.067 (1.70)
0.070 (1.78)
0.065 (1.65)
0.136 (3.45)
GRID
PLACEMENT
COURTYARD
0.137 (3.48)
0.201 (5.11)
inches (mm)
actual size
side view
DESCRIPTION
Statek’s surface-mount CXOM oscillators consist of a Statek
miniature quartz crystal and a CMOS/TTL compatible hybrid
circuit in a low-profile ceramic package with an extremely
small footprint.
FEATURES
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques
CMOS and TTL compatible
Low power consumption
Optional Output Enable/Disable with Tri-State
Low EMI emission
High shock resistance
Full military testing available
Hermetically sealed ceramic package
APPLICATIONS
Military & Aerospace
Smart Munitions
Cockpit Systems
Navigation
Industrial, Computer & Communications
Industrial Controls
Instrumentation
Microprocessor Clocks
Medical
Infusion Pumps
Distribution:
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CXOMSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXOM ETC-CXOM Datasheet
49Kb / 1P
   Low power consumption
logo
Golledge Electronics Lt...
CXOM GOLLEDGE-CXOM Datasheet
52Kb / 1P
   SM OSCILLATOR
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
logo
IQD Frequency Products ...
CXOM IQD-CXOM Datasheet
201Kb / 3P
   Crystal Clock Oscillator Specification
logo
STATEK CORPORATION
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
More results

Similar Description - CXOMSE

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com