Part Name
         Description
CXO3MST

 CXO3M OSCILLATOR ( 2 Page)


RSG
100% 
Zoom Out Zoom In
   
 2 page
background image
YS
TEM
CERTIFIC
AT
01
10126 Rev E
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage
1
3.3 V
10%
Calibration Tolerance
2
100 ppm
Frequency Stability
50 ppm for Commercial
Over Temperature
3
100 ppm for Industrial
100 ppm for Military
Supply Current (Typical)
10 MHz
2 mA
24 MHz
4 mA
30 MHz
6 mA
40 MHz
8 mA
50 MHz
10 mA
Output Load (CMOS)
4
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
6 ns MAX
Duty Cycle
40% MIN, 60% MAX
Aging, first year
10 ppm MAX
Shock, survival
5
3,000 g, 0.3 ms, 1/2 sine
Vibration, survival
6
20 g, 10-2,000 Hz swept sine
Operating Temp Ranges -10
OC to +70OC
(Commercial)
-40
OC to +85OC
(Industrial)
-55
OC to +125OC (Military)
1. Other voltages available. For 5.0 V, see CXOM data sheet (10116). For others,
contact factory.
2. Other tolerances available.
3. Does not include calibration tolerance. Other tolerances available.
4. Higher CMOS loads and TTL loads available. Contact factory.
5. Higher shock version available. Contact factory about CXO3MHG.
6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
Note: All parameters are measured at ambient temperature with a 10 M
Ω, 15 pF load.
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CXO3M SURFACE MOUNT CRYSTAL OSCILLATORS
“S” if special or
custom design;
otherwise blank.
CXO3M
S
T
SM3
32.0M ,
100
/
100
/
/
I
Frequency
K = kHz
M = MHz
Enable/Disable Option
E, T, or N
Terminations
Blank = SM1
= Gold Plated
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
//
200
/
I
Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.5 V to 7.0 V
Storage Temperature
-55
OC to +125OC
Maximum Process Temperature 260
OC for 20 seconds
PACKAGING OPTIONS
CXO3M- Tray Pack
- 16 mm tape, 7˝ or 13˝ reels
Per EIA 418 (see Tape and Reel data sheet 10109)
ET
When enabled (PIN 1 is high*)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is low)
Output
High Z state
High Z state
Oscillator
Stops
Oscillates
Current consumption
Very low
Lower than normal
When re-enabled (PIN 1 changes from low to high)
Output recovery
Delayed
Immediate
ENABLE/DISABLE OPTIONS (E/T/N)
Statek offers three enable/disable options: E, T, and N.
Both the E-version and T-version have Tri-State outputs
and differ in whether the oscillator continues to run
internally when the output is put into the high Z state: it
stops in the E-version and continues to run in the
T-version. So, the E-version offers very low current
consumption when the oscillator is disabled and the
T-version offers very fast output recovery when the
oscillator is re-enabled. The N-version does not have
PIN 1 connected internally and so has no enable/disable
capability.
The following table summarizes the three
options.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
COMPARISON OF
ENABLE/DISABLE OPTIONS E AND T
Distribution:
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1  2 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl