|
| SCD-PHP4-LA0-CF |
|
||
|
DDK |
|
4 page
● ● SCD Series Unit : mm SCD-PS□□-□□□-CF Note: This plug housing has no ferrule. SCD-PD□□-□□□-CF ANSI-compatible tandem type Note: This plug housing has no ferrule. ■Plug Housing P/N Outer housing Inner diame- ter of boots Material of stop ring outer sheath fixing method Color of boots Cap type SCD-PSR3-□□□-CF None 1.7 Metal Bonding Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PSR4-□□□-CF None 1.7 Metal Crimping Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PSM3-□□□-CF None 2.2 Metal Bonding Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PSM4-□□□-CF None 2.2 Metal Crimping Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PSP3-□□□-CF None 3.1 Metal Bonding Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PSP4-□□□-CF None 3.1 Metal Crimping Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PSF-□□□-CF None 0.9 Metal ― Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard P/N Outer housing Inner diame- ter of boots Material of stop ring outer sheath fixing method Color of boots Cap type SCD-PDR3-□□□-CF Yes 1.7 Metal Bonding Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PDR4-□□□-CF Yes 1.7 Metal Crimping Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PDM3-□□□-CF Yes 2.2 Metal Bonding Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PDM4-□□□-CF Yes 2.2 Metal Crimping Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PDP3-□□□-CF Yes 3.1 Metal Bonding Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard SCD-PDP4-□□□-CF Yes 3.1 Metal Crimping Blue, light purple, yellow, white None, vinyl chloride, ferrule, hard 55 6 55 25 0.9 7.39 4 B SCD |