Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH2323-14 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # PH2323-14
Description  CW Power Transistor 14W, 2.3 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH2323-14 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  PH2323-14 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH2323-14 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
CW Power Transistor
14W, 2.3 GHz
M/A-COM Products
PH2323-14
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
TEST FIXTURE ASSEMBLY
TEST FIXTURE DIMENSIONS


Similar Part No. - PH2323-14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2323-14 MACOM-PH2323-14 Datasheet
148Kb / 2P
   CW Power Transistor,14W 2.3 GHz
More results

Similar Description - PH2323-14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2323-14 MACOM-PH2323-14 Datasheet
148Kb / 2P
   CW Power Transistor,14W 2.3 GHz
PH2323-3 MACOM-PH2323-3 Datasheet
114Kb / 2P
   CW Power Transistor, 3.5W 2.3 GHz
PH2323-5 MACOM-PH2323-5 Datasheet
143Kb / 2P
   CW Power Transistor, 5W ,2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-5 MA-COM-PH2323-5 Datasheet
124Kb / 2P
   CW Power Transistor 5W, 2.3 GHz
logo
Tyco Electronics
PH2323-1 MACOM-PH2323-1 Datasheet
147Kb / 2P
   CW Power Transistor, 1W 2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-1 MA-COM-PH2323-1 Datasheet
125Kb / 2P
   CW Power Transistor 1W, 2.3 GHz
logo
Tyco Electronics
PH2323-3 MACOM-PH2323-3 Datasheet
125Kb / 2P
   CW Power Transistor 3.5W, 2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-3 MA-COM-PH2323-3 Datasheet
125Kb / 2P
   CW Power Transistor 3.5W, 2.3 GHz
logo
NEC
NEX2300 NEC-NEX2300 Datasheet
119Kb / 3P
   2.3 GHz POWER OSCILLATOR TRANSISTOR
NEL2301 NEC-NEL2301 Datasheet
225Kb / 7P
   CLASS A 2.3 GHZ 15 VOLT POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com