Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HU5-160PNA-R53TD20-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # HU5-160PNA-R53TD20-FA
Description  2.54mm Pitch Low Profile Pin Header Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

HU5-160PNA-R53TD20-FA Datasheet(HTML) 1 Page - DDK Ltd.

  HU5-160PNA-R53TD20-FA Datasheet HTML 1Page - DDK Ltd. HU5-160PNA-R53TD20-FA Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
・HU5 series is a 2.54mm pitch contacts grid double rows low profile connectors
・Intermatable with FRC2,FRC5 series flat cable connectors.
HU5 Series
2.54㎜ Pitch Low Profile Pin Header Connectors
RoHS
Compliant
RoHS
Compliant
090703
FEATURE
SPECIFICATIONS
MATERIAL/FINISH
Rated Voltage
250V AC (r.m.s.)
Rated Current
1A / Contact
Dielectric Withstanding Voltage
500V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω min. at 500V DC
Contact Resistance
15m Ω max.
Item
Material / Finish
Housing
PBT Resin (UL94V-0) / Black
Contact
Copper Alloy / Contact Area: Au over Ni Plating
   Tail Area: Sn-Ag over Ni Plating


Similar Part No. - HU5-160PNA-R53TD20-FA

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HU551 GSR-HU551 Datasheet
1Mb / 2P
   4th Gen Intel짰 CoreTM 3.5"||" "1148286
Computer-on-Modules
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
   4th Gen Intel Core 3.5
logo
GSR Technology Ltd
HU551-N-2980U GSR-HU551-N-2980U Datasheet
1Mb / 2P
   4th Gen Intel짰 CoreTM 3.5"||" "1148286
Computer-on-Modules
logo
DFI Inc
HU551-N-2980U DFI-HU551-N-2980U Datasheet
1Mb / 2P
   4th Gen Intel Core 3.5
logo
GSR Technology Ltd
HU551-N-4010U GSR-HU551-N-4010U Datasheet
1Mb / 2P
   4th Gen Intel짰 CoreTM 3.5"||" "1148286
Computer-on-Modules
More results

Similar Description - HU5-160PNA-R53TD20-FA

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFW254 YEONHO-YFW254 Datasheet
204Kb / 1P
   Pin Header : 2.54mm pitch
YFAW254 YEONHO-YFAW254 Datasheet
209Kb / 1P
   Pin Header : 2.54mm pitch
logo
FCI connector
10056844 FCI-CONNECTOR-10056844 Datasheet
99Kb / 1P
   QKIE HEADER LOW PROFILE PIN PASTE
logo
Molex Electronics Ltd.
0705530002 MOLEX8-0705530002 Datasheet
681Kb / 8P
   2.54mm (.100") Pitch SL??Header, Low Profile
logo
Assmann Electronics Inc...
AWHW26G-0102 ASSMANN-AWHW26G-0102 Datasheet
112Kb / 1P
   Boxheader - Low Profile 10-64 pin, straight pin, 2.54mm pitch
logo
FCI connector
10056845-114LF FCI-CONNECTOR-10056845-114LF Datasheet
100Kb / 1P
   QKIE HEADER LOW PROFILE PIN IN PASTE
10056844-114LF FCI-CONNECTOR-10056844-114LF Datasheet
99Kb / 1P
   QKIE HEADER LOW PROFILE PIN IN PASTE
10056844-116LF FCI-CONNECTOR-10056844-116LF Datasheet
99Kb / 1P
   QKIE HEADER LOW PROFILE PIN IN PASTE
logo
Wurth Elektronik GmbH &...
6130XX11121 WURTH-6130XX11121 Datasheet
548Kb / 3P
   2.54MM PIN HEADER
logo
List of Unclassifed Man...
ULPSM ETC1-ULPSM Datasheet
97Kb / 1P
   2mm Pin Header, Unshrouded, Ultra Low Profile, SMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com