Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH1617-60 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # PH1617-60
Description  Wireless Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH1617-60 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  PH1617-60 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH1617-60 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH1617-60 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Wireless Power Transistor
60W, 1615-1685 MHz
M/A-COM Products
Released, 05 Sep 07
PH1617-60
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
TEST FIXTURE CIRCUIT DIMENSIONS
TEST FIXTURE ASSEMBLY
+
+


Similar Part No. - PH1617-60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1617-60 MACOM-PH1617-60 Datasheet
96Kb / 2P
   Wireless Power Transistor 60 Watts, 1615 - 1685 MHz
More results

Similar Description - PH1617-60

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH1516-10 MA-COM-PH1516-10 Datasheet
195Kb / 4P
   Wireless Bipolar Power Transistor
logo
Tyco Electronics
PH1819-33 MACOM-PH1819-33 Datasheet
140Kb / 2P
   WIRELESS POWER TRANSISTOR 33W
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH1617-30 MA-COM-PH1617-30 Datasheet
196Kb / 3P
   Wireless Bipolar Power Transistor
PH1819-4N MA-COM-PH1819-4N Datasheet
192Kb / 3P
   Wireless Bipolar Power Transistor
PH1617-2 MA-COM-PH1617-2 Datasheet
199Kb / 4P
   Wireless Bipolar Power Transistor
PH0814-40_0211 MA-COM-PH0814-40_0211 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH1819-2 MA-COM-PH1819-2 Datasheet
196Kb / 4P
   Wireless Bipolar Power Transistor
logo
American Microsemicondu...
PH1516-2 AMMSEMI-PH1516-2 Datasheet
903Kb / 4P
   Wireless Bipolar Power Transistor, 2W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com