Part Name
         Description
M53D128168A-10BAIG

 2M x 16 Bit x 4 Banks Mobile DDR SDRAM ( 46 Page)


ESMT
100% 
Zoom Out Zoom In
 31 page
background image
ESMT
M53D128168A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 1.0
31/46
Multi Bank Interleaving READ (@BL=4, CL=3)
CK E
CS
RA S
CA S
BA 0 , BA 1
WE
DQ S
DQ s
0
1
2
3
4
5
678
910
HI G H
DM
CO M M A N D
A 10 /A P
AD D R
(A 0 ~ A n )
BAa
Qb 0
Qb 1
Qb 3
Qb 2
ACTIVE
BAb
BAa
BAb
Ra
Rb
Ra
Qa 0
Q a 1
Qa 3
Qa 2
ACTIVE
READ
t RCD
READ
t RRD
t CC D
Rb
CL K
CL K
11
12
13
Ca
Cb
Hi- Z
Hi - Z



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl