Part Name
         Description
M53D128168A-10BAIG

 2M x 16 Bit x 4 Banks Mobile DDR SDRAM ( 46 Page)


ESMT
100% 
Zoom Out Zoom In
 
 2 page
background image
ESMT
M53D128168A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 1.0
2/46
Pin Arrangement
60 Ball BGA (8x13mm)
TOP View
VSSQ
DQ14
DQ12
DQ10
DQ8
NC
A
B
C
D
E
F
G
H
J
K
L
M
DQ15
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CLK
NC
A11
A8
A6
A4
VSS
DQ13
DQ11
DQ9
UDQS
UDM
CLK
CKE
A9
A7
A5
VSS
VDDQ
DQ1
DQ3
DQ5
DQ7
NC
VDD
DQ2
DQ4
DQ6
LDQS
LDM
WE
RAS
BA1
A0
A2
VDD
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
123
78
9
Pin Description
Pin Name
Function
Pin Name
Function
A0~A11,
BA0,BA1
Address inputs
- Row address A0~A11
- Column address A0~A8
A10/AP : AUTO Precharge
BA0, BA1 : Bank selects (4 Banks)
LDM, UDM
DM is an input mask signal for write
data. LDM corresponds to the data
on DQ0~DQ7; UDM correspond to
the data on DQ8~DQ15.
DQ0~DQ15
Data-in/Data-out
CLK, CLK
Clock input
RAS
Row address strobe
CKE
Clock enable
CAS
Column address strobe
CS
Chip select
WE
Write enable
VDDQ
Supply Voltage for DQ
VSS
Ground
VSSQ
Ground for DQ
VDD
Power
NC
No connection
LDQS, UDQS
Bi-directional Data Strobe. LDQS
corresponds to the data on DQ0~DQ7;
UDQS correspond to the data on
DQ8~DQ15.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl