Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M53D128168A-7.5BAIG Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M53D128168A-7.5BAIG
Description  2M x 16 Bit x 4 Banks Mobile DDR SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M53D128168A-7.5BAIG Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M53D128168A-7.5BAIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ESMT
M53D128168A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 1.0
2/46
Pin Arrangement
60 Ball BGA (8x13mm)
TOP View
VSSQ
DQ14
DQ12
DQ10
DQ8
NC
A
B
C
D
E
F
G
H
J
K
L
M
DQ15
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CLK
NC
A11
A8
A6
A4
VSS
DQ13
DQ11
DQ9
UDQS
UDM
CLK
CKE
A9
A7
A5
VSS
VDDQ
DQ1
DQ3
DQ5
DQ7
NC
VDD
DQ2
DQ4
DQ6
LDQS
LDM
WE
RAS
BA1
A0
A2
VDD
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
123
78
9
Pin Description
Pin Name
Function
Pin Name
Function
A0~A11,
BA0,BA1
Address inputs
- Row address A0~A11
- Column address A0~A8
A10/AP : AUTO Precharge
BA0, BA1 : Bank selects (4 Banks)
LDM, UDM
DM is an input mask signal for write
data. LDM corresponds to the data
on DQ0~DQ7; UDM correspond to
the data on DQ8~DQ15.
DQ0~DQ15
Data-in/Data-out
CLK, CLK
Clock input
RAS
Row address strobe
CKE
Clock enable
CAS
Column address strobe
CS
Chip select
WE
Write enable
VDDQ
Supply Voltage for DQ
VSS
Ground
VSSQ
Ground for DQ
VDD
Power
NC
No connection
LDQS, UDQS
Bi-directional Data Strobe. LDQS
corresponds to the data on DQ0~DQ7;
UDQS correspond to the data on
DQ8~DQ15.


Similar Part No. - M53D128168A-7.5BAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A-7.5BAG ESMT-M53D128168A-7.5BAG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
More results

Similar Description - M53D128168A-7.5BAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D5121632A ESMT-M53D5121632A Datasheet
1Mb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
M53D256328A ESMT-M53D256328A Datasheet
715Kb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Elite Semiconductor Mem...
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com