Electronic Components Datasheet Search |
|
M53D128168A-7.5BAG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc. |
|
M53D128168A-7.5BAG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc. |
5 / 47 page ESMT Preliminary M53D128168A Elite Semiconductor Memory Technology Inc. Publication Date : Sep. 2008 Revision : 1.4 5/47 TCSR range 15 45 70 85 C ° 4 Banks 340 360 380 400 2 Bank 290 310 320 350 Self Refresh Current ICC6 CKE = Low, CS = High, tck = tck (min), address & control & data inputs are stable 1 Bank 240 260 280 300 uA Deep Power Down Current ICC7 address & control & data inputs are stable 10 uA Note: 1. It has +/- 5 °C tolerance. 2. ICC specifications are tested after the device is properly intialized. 3. Definitions for ICC: LOW is defined as V IN ≤ 0.1 * V DDQ ; HIGH is defined as V IN ≥ 0.9 * V DDQ ; STABLE is defined as inputs stable at a HIGH or LOW level ; SWITCHING is defined as: - address and command: inputs changing between HIGH and LOW once per two clock cycles ; - data bus inputs: DQ changing between HIGH and LOW once per clock cycle; DM and DQS are STABLE. AC Operation Conditions & Timing Specification AC Operation Conditions Parameter Symbol Min Max Unit Note Input High (Logic 1) Voltage, DQ, DQS and DM signals VIH(AC) 0.8 x VDDQ VDDQ+0.3 V Input Low (Logic 0) Voltage, DQ, DQS and DM signals VIL(AC) -0.3 0.2 x VDDQ V Input Different Voltage, CLK and CLK inputs VID(AC) 0.6 x VDDQ VDDQ+0.3 V 1 Input Crossing Point Voltage, CLK and CLK inputs VIX(AC) 0.4 x VDDQ 0.6 x VDDQ V 2 Note1. VID is the magnitude of the difference between the input level on CLK and the input on CLK . 2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same. Input / Output Capacitance (VDD = 1.8V, VDDQ =1.8V, TA = 25 C ° , f = 1MHz) Parameter Symbol Min Max Unit Input capacitance (A0~A11, BA0~BA1, CKE, CS , RAS , CAS , WE ) CIN1 1.5 3.0 pF Input capacitance (CLK, CLK ) CIN2 1.5 3.5 pF Data & DQS input/output capacitance COUT 2.0 4.5 pF Input capacitance (DM) CIN3 2.0 4.5 pF |
Similar Part No. - M53D128168A-7.5BAG |
|
Similar Description - M53D128168A-7.5BAG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |