Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M53D128168A Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M53D128168A
Description  2M x 16 Bit x 4 Banks Mobile DDR SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M53D128168A Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M53D128168A_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M53D128168A_1 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
ESMT
M53D128168A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 1.0
9/46
Basic Functionality
Power-Up and Initialization Sequence
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain CKE at a low state (all other inputs may be undefined.)
-
Apply VDD before or at the same time as VDDQ.
2. Start clock and maintain stable condition for a minimum.
3. The minimum of 200us after stable power and clock (CLK, CLK ),apply NOP & take CKE high.
4. Issue precharge commands for all banks of the device.
5. Issue 2 or more auto-refresh commands.
6. Issue mode register set command to initialize the mode register.
7. Issue extended mode register set command to set PASR and DS.
01
2
345
678
9
CL O C K
CK E
CS
RA S
CA S
AD D R
WE
DQ
DQ M
A1 0 / A P
t RP
Ke y
Ke y
BA 1
BA 0
Hi gh - Z
P r ec ha r g e
(A l l B a n k s )
Au t o Re f r e s h
A u to R e fr e s h
Mo de R e g i s t er S e t
E x t e n ded Mod e
Re g i s t e r S e t
:D o n ' t c a r e
t RF C
t RF C
H i gh l e ve l i s n ece s sa r y
Hi g h le v e l i s n e c e s s a ry
10
11
12
13
14
15
16
17
18
19
20
RA
BS
BS
RA
Ro w A c t i v e
t MR D
t MR D


Similar Part No. - M53D128168A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A-10BAG ESMT-M53D128168A-10BAG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-10BG ESMT-M53D128168A-10BG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
More results

Similar Description - M53D128168A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D5121632A ESMT-M53D5121632A Datasheet
1Mb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
M53D256328A ESMT-M53D256328A Datasheet
715Kb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Elite Semiconductor Mem...
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com