Electronic Components Datasheet Search |
|
M52S128168A-10TG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc. |
|
M52S128168A-10TG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc. |
1 / 47 page ESMT M52S128168A Elite Semiconductor Memory Technology Inc. Publication Date: Dec. 2008 Revision: 1.2 1/47 VSS DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 NC UDQM CLK NC A11 A8 A7 VSS A5 VDDQ DQ0 VSSQ DQ2 VDDQ DQ4 VDD LDQM CAS RAS BA0 BA1 A0 A1 A3 A2 123 4567 8 9 A B C D E F G H J 54 Ball FBGA (8x8mm) (mm ball pitch) VSSQ VDDQ VSSQ VDDQ VSS CKE A9 A6 A4 VDD DQ1 DQ3 DQ7 WE CS A10 VDD VSSQ DQ6 DQ5 Mobile SDRAM 2M x 16 Bit x 4 Banks Synchronous DRAM FEATURES 2.5V power supply LVTTL compatible with multiplexed address Four banks operation MRS cycle with address key programs - CAS Latency (2 & 3) - Burst Length (1, 2, 4, 8 & full page) - Burst Type (Sequential & Interleave) EMRS cycle with address All inputs are sampled at the positive going edge of the system clock Special function support - PASR (Partial Array Self Refresh) - TCSR (Temperature Compensated Self Refresh) - DS (Driver Strength) DQM for masking Auto & self refresh 64ms refresh period (4K cycle) ORDERING INFORMATION Product ID Max Freq. Package Comments M52S128168A-7TG 143MHz 54 TSOP II Pb-free M52S128168A-7BG 143MHz 54 Ball FBGA Pb-free M52S128168A-7.5TG 133MHz 54 TSOP II Pb-free M52S128168A-7.5BG 133MHz 54 Ball FBGA Pb-free M52S128168A-10TG 100MHz 54 TSOP II Pb-free M52S128168A-10BG 100MHz 54 Ball FBGA Pb-free GENERAL DESCRIPTION The M52S128168A is 134,217,728 bits synchronous high data rate Dynamic RAM organized as 4 x 2,097,152 words by 16 bits. Synchronous design allows precise cycle controls with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst lengths and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications. PIN ASSIGNMENT (Top View) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 VDD DQ0 VDDQ DQ1 DQ2 VSSQ DQ3 DQ4 VDDQ DQ5 DQ6 VSSQ DQ7 VDD LDQM WE CAS RAS CS BA0 BA1 A10/AP A0 A1 A2 A3 VDD 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 VSS NC UDQM CLK CKE NC A11 A9 A8 A7 A6 A5 A4 VSS |
Similar Part No. - M52S128168A-10TG |
|
Similar Description - M52S128168A-10TG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |