Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52S128168A Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S128168A Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52S128168A_08 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M52S128168A_08 Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ESMT
M52S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date: Dec. 2008
Revision: 1.2
11/47
DEVICE OPERATIONS
CLOCK (CLK)
The clock input is used as the reference for all SDRAM
operations. All operations are synchronized to the positive
going edge of the clock. The clock transitions must be
monotonic between VIL and VIH. During operation with CKE
high all inputs are assumed to be in valid state (low or high)
for the duration of setup and hold time around positive edge
of the clock for proper functionality and Icc specifications.
CLOCK ENABLE(CKE)
The clock enable (CKE) gates the clock onto SDRAM. If
CKE goes low synchronously with clock (set-up and hold
time same as other inputs), the internal clock suspended
from the next clock cycle and the state of output and burst
address is frozen as long as the CKE remains low. All other
inputs are ignored from the next clock cycle after CKE goes
low. When all banks are in the idle state and CKE goes low
synchronously with clock, the SDRAM enters the power
down mode from the next clock cycle. The SDRAM remains
in the power down mode ignoring the other inputs as long as
CKE remains low. The power down exit is synchronous as
the internal clock is suspended. When CKE goes high at
least “1CLK + tSS” before the high going edge of the clock,
then the SDRAM becomes active from the same clock edge
accepting all the input commands.
BANK ADDRESSES (BA0~BA1)
This SDRAM is organized as four independent banks of
2,097,152 words x 16 bits memory arrays. The BA0~BA1
inputs are latched at the time of assertion of RAS and
CAS to select the bank to be used for the operation. The
banks addressed BA0~BA1 are latched at bank active, read,
write, mode register set and precharge operations.
ADDRESS INPUTS (A0~A11)
The 21 address bits are required to decode the 2,097,152
word locations are multiplexed into 12 address input pins
(A0~A11). The 12 row addresses are latched along with
RAS and BA0~BA1 during bank active command. The 9 bit
column addresses are latched along with CAS , WE and
BA0~BA1 during read or with command.
NOP and DEVICE DESELECT
When RAS ,
CAS
and
WE
are high, The SDRAM
performs no operation (NOP). NOP does not initiate any new
operation, but is needed to complete operations which
require more than single clock cycle like bank activate, burst
read, auto refresh, etc. The device deselect is also a NOP
and is entered by asserting CS high. CS high disables
the command decoder so that RAS , CAS , WE and all
the address inputs are ignored.
MODE REGISTER SET (MRS)
The mode register stores the data for controlling the
various operating modes of SDRAM. It programs the
CAS latency, burst type, burst length, test mode and
various vendor specific options to make SDRAM useful
for variety of different applications. The default value of
the mode register is not defined, therefore the mode
register must be written after power up to operate the
SDRAM. The mode register is written by asserting low
on CS , RAS , CAS and WE (The SDRAM should
be in active mode with CKE already high prior to writing
the mode register). The state of address pins A0~A11
and BA0~BA1 in the same cycle as CS , RAS , CAS
and WE going low is the data written in the mode
register. Two clock cycles is required to complete the
write in the mode register. The mode register contents
can be changed using the same command and clock
cycle requirements during operation as long as all banks
are in the idle state. The mode register is divided into
various fields into depending on functionality. The burst
length field uses A0~A2, burst type uses A3, CAS
latency (read latency from column address) use A4~A6,
test mode use A7~A8, vendor specific options use A9,
A10~A11 and BA1~BA0. A7~A8, A10/AP~A11 and
BA0~BA1 must be set to low for normal SDRAM
operation. Refer to the table for specific codes for
various burst length, burst type and CAS latencies.


Similar Part No. - M52S128168A_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A-10BG ESMT-M52S128168A-10BG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A-10TG ESMT-M52S128168A-10TG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A-2E ESMT-M52S128168A-2E Datasheet
1Mb / 47P
   LVCMOS compatible with multiplexed address
M52S128168A-7.5BG ESMT-M52S128168A-7.5BG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A-7.5TG ESMT-M52S128168A-7.5TG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52S128168A_08

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com