Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52S32162A-10TIG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S32162A-10TIG
Description  1M x 16Bit x 2Banks Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S32162A-10TIG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M52S32162A-10TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S32162A-10TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ESMT
M52S32162A
Operation Temperature Condition -40°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2007
Revision : 1.0
3/30
FUNCTIONAL BLOCK DIAGRAM
Bank Select
Data Input Register
Column Decoder
Latency & Burst Length
Programming Register
1M x 16
1M x 16
Timing Register
CLK
CKE
CS
RAS
CAS
WE
L(U)DQM
LDQM
LWCBR
DQi
LDQM
LWE
LRAS
LCBR
LWE
LCAS
CLK
ADD
LCKE
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System Clock
Active on the positive going edge to sample all inputs.
CS
Chip Select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and L(U)DQM.
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row / column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, column address : CA0 ~ CA7
BA
Bank Select Address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column Address Strobe
Latches column addresses on the positive going edge of the CLK with
CAS low.
Enables column access.
WE
Write Enable
Enables write operation and row precharge.
Latches data in starting from CAS , WE active.
L(U)DQM
Data Input / Output Mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.


Similar Part No. - M52S32162A-10TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S32162A-10TG ESMT-M52S32162A-10TG Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A-10TG ESMT-M52S32162A-10TG Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
More results

Similar Description - M52S32162A-10TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com