Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52L64164A-7BIG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M52L64164A-7BIG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52L64164A-7BIG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M52L64164A-7BIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52L64164A-7BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
ESMT
M52L64164A
O
peration Temperature Condition -40~85
°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Sep. 2008
Revision: 1.1
5/47
AC OPERATING TEST CONDITIONS (VDD=3.3V
± 0.3V,TA= -40 C
°~ 85 C
°)
Parameter
Value
Unit
Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr / tf = 1 / 1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig.2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Parameter
Symbol
-6
-7
Unit
Note
Row active to row active delay
tRRD(min)
12
14
ns
1
RAS to CAS delay
tRCD(min)
18
20
ns
1
Row precharge time
tRP(min)
18
20
ns
1
tRAS(min)
40
42
ns
1
Row active time
tRAS(max)
100
us
-
@Operating
tRC(min)
58
63
ns
1
Row cycle time
@Auto refresh
tRFC(min)
60
70
ns
1 , 5
Last data in to new col. Address delay
tCDL(min)
1
CLK
2
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. Address to col. Address delay
tCCD(min)
1
CLK
3
Mode Register command to Active or Refresh Command
tMRD(min)
2
CLK
-
CAS latency=3
2
Number of valid output data
CAS latency=2
1
ea
4
Refresh period(4,096 rows)
tREF(max)
64
ms
6
Note: 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
The earliest a precharge command can be issued after a Read command without the loss of data is CL+BL-2 clocks
5. A new command may be given tRFC after self refresh exit.
6. A maximum of eight consecutive AUTO REFRESH commands (with tRFCmin) can be posted to any given SDRAM,and
the maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is
8x15.6μs.)
Output
870
VOH (DC) =2.4V , IOH = -2 mA
VOL (DC) =0.4V , IOL = 2 mA
Output
50pF
Z0 =50
50pF
50
Vtt = 1.4V
3.3V
1200


Similar Part No. - M52L64164A-7BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52L64164A-7BG ESMT-M52L64164A-7BG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52L64164A-7BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com