Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52S32162A Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S32162A
Description  1M x 16Bit x 2Banks Mobile Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S32162A Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M52S32162A_08 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S32162A_08 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ESMT
M52S32162A
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 1.4
5/30
AC OPERATING TEST CONDITIONS (VDD=2.5V
± 0.2V,TA= 0 C
°
~ 70 C
°)
Parameter
Value
Unit
Input levels (Vih/Vil)
0.9 x VDDQ / 0.2
V
Input timing measurement reference level
0.5 x VDDQ
V
Input rise and fall time
tr / tf = 1 / 1
ns
Output timing measurement reference level
0.5 x VDDQ
V
Output load condition
See Fig.2
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Parameter
Symbol
-6
-7.5
-10
Unit
Note
Row active to row active delay
tRRD(min)
12
15
20
ns
1
RAS to CAS delay
tRCD(min)
18
22.5
30
ns
1
Row precharge time
tRP(min)
18
22.5
30
ns
1
tRAS(min)
36
45
50
ns
1
Row active time
tRAS(max)
100
us
Row cycle time
tRC(min)
60
67.5
90
ns
1
Last data in to new col. Address delay
tCDL(min)
1
CLK
2
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. Address to col. Address delay
tCCD(min)
1
CLK
3
Refresh period (4,096 rows)
tREF(max)
64
ms
5
CAS latency=3
2
Number of valid output data
CAS latency=2
1
ea
4
Note: 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
The earliest a precharge command can be issued after a Read command without the loss of data is CL+BL-2 clocks.
5. A maximum of eight consecutive AUTO REFRESH commands (with tRFCmin) can be posted to any given SDRAM, and
the maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is
8x15.6 μ s.)


Similar Part No. - M52S32162A_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S32162A-10BG ESMT-M52S32162A-10BG Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A-10BIG ESMT-M52S32162A-10BIG Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A-10TG ESMT-M52S32162A-10TG Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A-10TIG ESMT-M52S32162A-10TIG Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A-7.5BG ESMT-M52S32162A-7.5BG Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M52S32162A_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52S16161A ESMT-M52S16161A_09 Datasheet
884Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A ESMT-M52D16161A_1 Datasheet
893Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com