Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPA48 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # CPA48
Description  Cascadable Amplifier 1000 to 4000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CPA48 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CPA48 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CPA48 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Amplifier
1000 to 4000 MHz
Rev. V1
PA48 / SMPA48
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8B
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 2 grams (0.07 oz.) max
WEIGHT: 2 grams (0.07 oz.) max
WEIGHT: 23 grams (0.81 oz.) max


Similar Part No. - CPA48

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPA48 MACOM-CPA48 Datasheet
411Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
CPA48 MA-COM-CPA48 Datasheet
646Kb / 3P
   Cascadable Amplifier
logo
PANDUIT CORP.
CPA48BLY PANDUIT-CPA48BLY Datasheet
105Kb / 2P
   Mini-Com All Metal Shielded Modular Patch Panels
More results

Similar Description - CPA48

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
LA45 MACOM-LA45 Datasheet
407Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com