Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C073 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C073
Description  WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 38.4 - 43.2 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C073 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C073 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C073 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C073 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C073 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
WIDEBAND VCO w/ BUFFER AMPLIFIER
MODULE, 38.4 - 43.2 GHz
v00.0609
General Description
Features
Functional Diagram
The HMC-C073 is a high performance VCO that
operates over a 38.4 to 43.2 GHz band. An internal
output buffer provides +13 dBm of output power and
provides excellent pushing performance. Phase noise
performance is excellent at -98 dBc/Hz at 100 kHz
offset and the unit provides exceptional jitter of 37 fs
(calculated). The Vtune port accepts an analog tuning
voltage from +2 to +13V. Each VCO is housed in a very
small hermetic module measuring 0.7” x 0.99” x 0.23”.
The module is supplied with a 2.4mm connector,
which can be replaced by a GPO connector.
Wideband Tuning Frequency: 38.4 - 43.2 GHz
High Output Power: +13 dBm
High Output Voltage: 3.5V pp
Low Phase Noise: -98 dBc/Hz @ 100 kHz Offset
Low Jitter: 37 fs
Single Positive Supply: +5V @ 350 mA
Operating Temperature: -55°C to + 85°C
Ultra-Small Hermetic Module
Field Replaceable 2.4mm Connector
Typical Applications
The HMC-C073 VCO Module is ideal for:
• OC-768 Fiber Optic Systems
• Test and Measurement Equipment
• Lab Instrumentation
• Industrial/Medical Equipment
• Millimeterwave Subsystems
Electrical Specifications, T
A = +25° C, Vdc = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
38.4 - 43.2
GHz
Power Output
10
13
dBm
SSB Phase Noise @ 10 kHz Offset
-74
dBc/Hz
SSB Phase Noise @ 100 kHz Offset
-98
dBc/Hz
Jitter (50 kHz to 80 MHz) (Calculated)
37
fs
Tune Voltage
2
13
V
Sub Harmonic (fo/4)
-40
dBc
Sub Harmonic (fo/2)
-30
dBc
Frequency Pushing
40
MHz/V
Frequency Pulling (into 2:0:1 Load)
5
kHz pp
Output Return Loss
17
dB
Voltage Supply (Vdc)
4.5
5
5.5
V
Supply Current
350
400
mA
HMC-C073


Similar Part No. - HMC-C073

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C070 HITTITE-HMC-C070 Datasheet
349Kb / 6P
   MicroSynth??INTEGRATED SYNTHESIZER MODULE, 5.5 - 10.5 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
More results

Similar Description - HMC-C073

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C028 HITTITE-HMC-C028 Datasheet
205Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 4 - 8 GHz
HMC-C030 HITTITE-HMC-C030 Datasheet
207Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 8.0 - 12.5 GHz
HMC-C029 HITTITE-HMC-C029 Datasheet
261Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 5.0 - 10.0 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com