Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C064 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-C064
Description  50 Gbps, XOR / XNOR Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C064 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-C064 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C064 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C064 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C064 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C064 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C064 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
6
HMC-C064
v01.0109
50 Gbps, XOR / XNOR Module
[1] Data input = 45Gbps PRBS 2^23-1
[2] Source jitter was not deembedded.
Rise Time vs. Supply Voltage [1]
Peak-to-Peak Jitter vs. Supply Voltage [1] [2]
0
4
8
12
16
20
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
0
2
4
6
8
10
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
Fall Time vs. Supply Voltage [1]
0
4
8
12
16
20
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)


Similar Part No. - HMC-C064

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C060 HITTITE-HMC-C060 Datasheet
170Kb / 6P
   43 Gbps, D-TYPE FLIP-FLOP MODULE
HMC-C061 HITTITE-HMC-C061 Datasheet
180Kb / 6P
   50 Gbps, DOUBLE-EDGE TRIGGERED D-TYPE FLIP-FLOP MODULE
HMC-C062 HITTITE-HMC-C062 Datasheet
185Kb / 6P
   50 Gbps, 1:2 FANOUT BUFFER MODULE
HMC-C065 HITTITE-HMC-C065 Datasheet
169Kb / 6P
   50 Gbps, AND / NAND / OR / NOR MODULE
More results

Similar Description - HMC-C064

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC671LC3C HITTITE-HMC671LC3C Datasheet
272Kb / 8P
   13 Gbps, XOR / XNOR Gate HMC671LC3C
HMC844LC4B HITTITE-HMC844LC4B Datasheet
819Kb / 8P
   45 Gbps, XOR / XNOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com