Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF148A Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MRF148A
Description  Linear RF Power FET 30W, to 175MHz, 50V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF148A Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MRF148A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF148A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF148A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF148A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF148A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF148A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF148A Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Linear RF Power FET
30W, to 175MHz, 50V
M/A-COM Products
Released - Rev. 062907
MRF148A
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF148A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF148A ASI-MRF148A Datasheet
42Kb / 1P
   N-Channel Enhancement Mode VHF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
   Linear RF Power FET 30W, to 175MHz, 50V
logo
New Jersey Semi-Conduct...
MRF148A NJSEMI-MRF148A Datasheet
84Kb / 2P
   Designed for power amplifier applications in industrial
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
   Linear RF Power FET
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
   Linear RF Power FET
More results

Similar Description - MRF148A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
   Linear RF Power FET 30W, to 175MHz, 50V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
   RF Power FET 150W, to 175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
   RF Power FET 150W, to 175MHz, 28V
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
   RF Power MOSFET Transistor 30W, 2-175MHz, 12V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
   RF Power FET 300W, 175MHz, 28V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
   RF Power FET 300W, 175MHz, 28V
logo
NTE Electronics
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com