Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC818LP4E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC818LP4E
Description  GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC818LP4E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC818LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC818LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 411
Pin Number
Function
Description
Interface Schematic
1, 6
RFIN1, 2
This pin is DC coupled an off chip
DC blocking capacitor is required.
2, 5, 7, 12, 14,
17, 19, 24
GND
Package bottom must be connected to RF/DC ground.
3, 4, 9, 10,
21, 22
N/C
No connection required. These pins may be connected to RF/
DC ground without affecting performance.
23, 20, 8, 11
Vdd1, 2, 3, 4
Power supply voltage for each amplifier. Choke inductor and
bypass capacitors are required. See application circuit.
18, 13
RFOUT1, 2
This pin is matched to 50 Ohms.
16, 15
RES1, 2
These pins are used to set the DC current Idd2 and Idd4
in each amplifier via an external biasing resistor.
See application circuit.
Pin Descriptions
HMC818LP4E
v01.0809
GaAs SMT PHEMT DUAL CHANNEL
LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz


Similar Part No. - HMC818LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC818LP4E HITTITE-HMC818LP4E Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC818LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com