Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EX1810M-1225T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EX1810M-1225T
Description  Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EX1810M-1225T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4EX1810M-1225T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EX1810M-1225T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EX1810M-1225T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Silicon Double Balanced HMICTM Mixer
1300 - 1900 MHz
Rev. VP
MA4EX1810M-1225T
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ +25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF = -10 dBm, IF = 60 MHz
dB
dB
6.4
7.7
7.0
9.0
L - R Isolation
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
dB
dB
17.0
17.0
L - I Isolation
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
dB
dB
21.0
22.0
R - I Isolation
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
dB
dB
16.5
17.0
RF VSWR
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.3:1
1.6:1
IF VSWR
DC - 500 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.5:1
Input IP3
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
IF = 60 MHz
dBm
dBm
12.5
12.0
15.0
17.0
Input 1 dB Compression
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
IF = 60 MHz
dBm
dBm
5.0
6.0
IF 1 dB Bandwidth
MHz
0
500
LO VSWR
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.7:1
2.0:1
Typical Performance Curves (LO Drive = +15 dBm, RF = -10 dBm, IF = 60 MHz)
Isolation
Conversion Loss
5.000
5.500
6.000
6.500
7.000
7.500
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
FREQUENCY (MHz)
PLO = 7dBm
PLO = 13dBm
PLO = 10dBm
-30
-25
-20
-15
-10
-5
0
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
FREQUENCY (MHz)
R-I
L-I
L-R
IF VSWR
Input IP3 & 1 dB Compression Point
1.00
1.50
2.00
2.50
3.00
3.50
4.00
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
I Port
R Port
L Port
0
5
10
15
20
25
1300 1350 1400 1450 1500 1550 1600 1650 1700 1750 1800 1850 1900
FREQUENCY (MHz)
1db Compression
PLO = 7dBm
PLO = 10dBm
PLO = 13 dBm


Similar Part No. - MA4EX1810M-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX180H-1225T MACOM-MA4EX180H-1225T Datasheet
148Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
logo
M/A-COM Technology Solu...
MA4EX180H-1225T MA-COM-MA4EX180H-1225T Datasheet
74Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz Rev. V2
logo
Tyco Electronics
MA4EX180M-1225 MACOM-MA4EX180M-1225 Datasheet
134Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
MA4EX180M-1225T MACOM-MA4EX180M-1225T Datasheet
134Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
MA4EX180M-1225T MACOM-MA4EX180M-1225T Datasheet
222Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz
More results

Similar Description - MA4EX1810M-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX180H-1225T MACOM-MA4EX180H-1225T Datasheet
148Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
MA4EX180M-1225T MACOM-MA4EX180M-1225T_1 Datasheet
222Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz
MA4EX180M-1225 MACOM-MA4EX180M-1225 Datasheet
134Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
logo
M/A-COM Technology Solu...
MA4EX180H-1225T MA-COM-MA4EX180H-1225T Datasheet
74Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz Rev. V2
logo
Tyco Electronics
MA4EX370M-1225 MACOM-MA4EX370M-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T_1 Datasheet
145Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950H-1225 MACOM-MA4EX950H-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX600M-1225T MACOM-MA4EX600M-1225T Datasheet
163Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 4200 - 6000 MHz
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
   Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com