Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F802 Datasheet(PDF) 9 Page - Motorola, Inc

Part # DSP56F802
Description  DSP56F802 16-bit Digital Signal Processor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56F802 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button DSP56F802 Datasheet HTML 5Page - Motorola, Inc DSP56F802 Datasheet HTML 6Page - Motorola, Inc DSP56F802 Datasheet HTML 7Page - Motorola, Inc DSP56F802 Datasheet HTML 8Page - Motorola, Inc DSP56F802 Datasheet HTML 9Page - Motorola, Inc DSP56F802 Datasheet HTML 10Page - Motorola, Inc DSP56F802 Datasheet HTML 11Page - Motorola, Inc DSP56F802 Datasheet HTML 12Page - Motorola, Inc DSP56F802 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Pulse Width Modulator (PWM) Signals
MOTOROLA
DSP56F802 Preliminary Technical Data
9
2.4 Pulse Width Modulator (PWM) Signals
2.5 Serial Communications Interface (SCI) Signals
2.6 Analog-to-Digital Converter (ADC) Signals
Table 7. Pulse Width Modulator (PWMA) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
6
PWMA0-5
Output
Tri-stated
PWMA0-5— These are six PWMA output pins.
1
FAULTA0
Input
Input
FAULTA0 —This fault input is used for disabling selected
PWMA outputs in cases where fault conditions originate off
chip.
Table 8. Serial Communications Interface (SCI0) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
TXD0
GPIOB0
Output
Input/
Output
Input
Input
Transmit Data (TXD0)—transmit data output
Port B GPIO—This pin is a General Purpose I/O (GPIO) pin
that can individually be programmed as input or output pin.
After reset, the default state is SCI output.
1
RXD0
GPIOB1
Input
Input/
Output
Input
Input
Receive Data (RXD0)—receive data input
Port B GPIO—This pin is a General Purpose I/O (GPIO) pin
that can individually be programmed as input or output pin.
After reset, the default state is SCI input.
Table 9. Analog to Digital Converter Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
3
ANA2-4
Input
Input
ANA2-4—Analog inputs to ADC channel 1
2
ANA6-7
Input
Input
ANA6-7—Analog inputs to ADC channel 2
1
VREF
Input
Input
VREF—Analog reference voltage. Must be set to VDDA - 0.3V
= 3.0V for optimal performance.


Similar Part No. - DSP56F802

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F802 FREESCALE-DSP56F802 Datasheet
137Kb / 4P
   Digital Switched-Mode Power Supply (SMPS)
DSP56F802 FREESCALE-DSP56F802 Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
DSP56F802 NXP-DSP56F802 Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
DSP56F802TA60 FREESCALE-DSP56F802TA60 Datasheet
2Mb / 40P
   16-bit Digital Signal Controllers
DSP56F802TA60 FREESCALE-DSP56F802TA60 Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F802

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com