Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC815LC5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC815LC5
Description  GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC815LC5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC815LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8
8 - 340
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC815LC5
GaAs MMIC I/Q UPCONVERTER
21 - 27 GHz
v00.0909
General Description
Features
Typical Applications
The HMC815LC5 is a compact GaAs MMIC I/Q
upconverter in a leadless RoHS compliant SMT
package.
This
device
provides
a
small
signal
conversion gain of 12 dB with +20 dB of sideband
rejection. The HMC815LC5 utilizes a driver amplifier
preceded by an I/Q mixer where the LO is driven by
an active x2 multiplier. IF1 and IF2 mixer inputs are
provided and an external 90° hybrid is needed to
select the required sideband. The I/Q mixer topology
reduces the need for filtering of the unwanted
sideband. The HMC815LC5 is a much smaller
alternative to hybrid style single sideband upconverter
assemblies and it eliminates the need for wire
bonding by allowing the use of surface mount
manufacturing techniques.
Electrical Specifications,
T
A = +25°C,
IF = 2500 MHz, LO = +4 dBm, Vdd1, 2, 3 = +4.5V, Idd2 + Idd3 = 270 mA [1][3]
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
21 - 27
GHz
Frequency Range, LO
10.5 - 14.5
GHz
Frequency Range, IF
DC - 3.75
GHz
Conversion Gain
7
12
dB
Sideband Rejection
20
dB
1 dB Compression (Output)
17
20
dBm
2 LO to RF Isolation
10
dB
2 LO to IF Isolation [2]
15
dB
IP3 (Output)
27
dBm
Supply Current Idd1
95
120
mA
Supply Current Idd2 + Idd3
270
300
mA
[1] Unless otherwise noted all measurements performed with high side LO, IF = 2500 MHz and external 90° IF hybrid.
[2] Data taken without external IF hybrid.
[3] Adjust Vgg between -2 to 0V to achieve Idd2 + Idd3 = 270 mA Typical.
Functional Diagram
The HMC815LC5 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications
• Sensors
High Conversion Gain: 12 dB
Sideband Rejection: 20 dB
2 LO to RF Isolation: 10 dB
Output IP3: +27 dBm
32 Lead 5x5mm SMT Package: 25mm2


Similar Part No. - HMC815LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5 Datasheet
660Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5_10 Datasheet
660Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5_1007 HITTITE-HMC815LC5_1007 Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
More results

Similar Description - HMC815LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5_10 Datasheet
660Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5_1007 HITTITE-HMC815LC5_1007 Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
logo
Analog Devices
HMC815B AD-HMC815B Datasheet
551Kb / 30P
   21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
logo
Hittite Microwave Corpo...
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC710LC5 HITTITE-HMC710LC5 Datasheet
287Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
logo
Analog Devices
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
   21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
logo
Hittite Microwave Corpo...
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
   GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
   GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com