Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC792LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC792LP4E
Description  0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC792LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC792LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 229
HMC792LP4E
v00.0609
0.25 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
Serial Control Interface
The HMC792LP4E contains a 3-wire SPI compatible digital interface (SERIN, CLK, LE). The serial control interface
is activated when P/S is kept high. The 6-bit serial word must be loaded MSB first. The positive-edge sensitive CLK
and LE requires clean transitions. If mechanical switches are used, sufficient debouncing should be provided. When
LE is high, 6-bit data in the serial input register is transferred to the attenuator. When LE is high CLK is masked to
prevent data transition during output loading.
When P/S is low, 3-wire SPI interface inputs (SERIN, CLK, LE) are disabled and the input register is loaded with
parallel digital inputs (D0-D5). When LE is high, 6-bit parallel data changes the state of the part per truth table.
For all modes of operations, the attenuation state will stay constant while LE is kept low.


Similar Part No. - HMC792LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC792LP4E HITTITE-HMC792LP4E Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results

Similar Description - HMC792LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424 HITTITE-HMC424_09 Datasheet
241Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3_09 Datasheet
227Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC424LH5 HITTITE-HMC424LH5 Datasheet
373Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3 Datasheet
254Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com