Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC789ST89E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC789ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC789ST89E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC789ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 6Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 7Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 8Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 200
HMC789ST89E
InGaP HBT GAIN BLOCK MMIC
AMPLIFIER, 0.7 - 2.8 GHz
v00.0409
General Description
Features
Functional Diagram
The HMC789ST89E is a high linearity GaAs InGaP
HBT gain block MMIC operating from 0.7 to 2.8 GHz
and packaged in an industry standard SOT89 package.
Utilizing a minimum number of external components
and a single +5V supply, the amplifier output IP3 can
be optimized to +45 dBm. The high output IP3 and
high gain make the HMC789ST89E ideal for use in
PA driver & pre-driver applications in Cellular/4G and
Fixed Wireless.
High Output IP3: +42 dBm
High Output P1dB: +25 dBm
High Gain: 18 dB
Single Supply: +5V
45% PAE @ +25 dBm Pout
Industry Standard SOT89 Package
Electrical Specifications, T
A = +25°C, Vs= +5V
[1]
Typical Applications
The HMC789ST89E is ideal for:
• Cellular/4G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
• IF & RF Applications
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
810 - 960
1710 - 1990
2420 - 2700
MHz
Gain
17
18
12
13.5
10
11
dB
Gain Variation Over Temperature
0.01
0.01
0.01
dB / °C
Input Return Loss
12
12
10
dB
Output Return Loss
20
15
10
dB
Output Power for 1dB Compression (P1dB)
21
23.5
23
25
22
24
dBm
Saturated Output Power (Psat)
25.5
27
26
dBm
Output Third Order Intercept (IP3) [2]
42
42
42
dBm
Noise Figure
3.8
3.8
3.8
dB
Supply Current (Icq)
125
150
125
150
125
150
mA
[1] Specifications and data reflect HMC789ST89E measured using the respective application circuits for each designated frequency band found
herein. Contact the HMC Applications Group for assistance in optimizing performance for your application.
[2] Two-tone output power of +10 dBm per tone, 1 MHz spacing.


Similar Part No. - HMC789ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
More results

Similar Description - HMC789ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC589AST89E AD-HMC589AST89E_17 Datasheet
256Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC480ST89 AD-HMC480ST89 Datasheet
297Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC405 AD-HMC405 Datasheet
284Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Mimix Broadband
CGB8002-SC MIMIX-CGB8002-SC Datasheet
290Kb / 12P
   DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com