Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC770LP4BE Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC770LP4BE
Description  GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC770LP4BE Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC770LP4BE Datasheet HTML 6Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 7Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 8Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 9Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 10Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 11Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 12Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 13Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 210
HMC770LP4BE
v00.0909
GaAs pHEMT 50 / 75 Ohm
DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
Application Circuit -
for Transimpedance Amplifier Mode for use with 75 Ohm Evaluation Board
Pin Number
Function
Description
Interface Schematic
1, 5
INN, INP
This pin is DC coupled
An off chip DC blocking capacitor is required
11, 15
OUTN, OUTP
This pin is DC coupled
An off chip DC blocking capacitor is required
9, 17
RFCN,
RFCP
RF Choke and DC Bias (Vdd) for the output stage
2 - 4, 6 - 8, 10,
12 - 14, 16, 18, 19
N/C
These pins may be left unconnected.
20
BIAS
This pin is used to set the DC current of the
amplifier by selection of the external bias resistor.
See application circuit.
Package
Base
GND
Package bottom must be
connected to RF/DC ground.
Pin Descriptions


Similar Part No. - HMC770LP4BE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE_1007 HITTITE-HMC770LP4BE_1007 Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
More results

Similar Description - HMC770LP4BE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC770LP4BE_1007 HITTITE-HMC770LP4BE_1007 Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE_10 Datasheet
1Mb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
TriQuint Semiconductor
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Analog Devices
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
   GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com