Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC757 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC757
Description  GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC757 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC757 Datasheet HTML 1Page - Hittite Microwave Corporation HMC757 Datasheet HTML 2Page - Hittite Microwave Corporation HMC757 Datasheet HTML 3Page - Hittite Microwave Corporation HMC757 Datasheet HTML 4Page - Hittite Microwave Corporation HMC757 Datasheet HTML 5Page - Hittite Microwave Corporation HMC757 Datasheet HTML 6Page - Hittite Microwave Corporation HMC757 Datasheet HTML 7Page - Hittite Microwave Corporation HMC757 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
3 - 137
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Reverse Isolation vs. Temperature
Power Dissipation
Gain & Power vs.
Supply Voltage @ 20 GHz
Gain & Power vs.
Supply Current @ 20 GHz
HMC757
v00.0409
GaAs pHEMT MMIC 1/2 WATT
POWER AMPLIFIER, 16 - 24 GHz
Power Compression @ 20 GHz
0
5
10
15
20
25
30
35
-18
-13
-8
-3
2
7
12
Pout
Gain
PAE
INPUT POWER (dBm)
-60
-50
-40
-30
-20
-10
0
14
16
18
20
22
24
26
+25C
+85C
-55C
FREQUENCY (GHz)
10
15
20
25
30
35
360
370
380
390
400
410
420
Gain (dB)
P1dB (dBm)
Psat (dBm)
Idd (V)
10
15
20
25
30
35
5.5
6
6.5
7
7.5
Gain (dB)
P1dB (dBm)
Psat (dBm)
Vdd (V)
2
2.2
2.4
2.6
2.8
3
-18
-14
-10
-6
-2
2
6
10
16GHz
18GHz
20GHz
22GHz
24GHz
INPUT POWER (dBm)


Similar Part No. - HMC757

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC757 HITTITE-HMC757 Datasheet
640Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
logo
Analog Devices
HMC757 AD-HMC757 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
logo
Analog Devices
HMC757LP4E AD-HMC757LP4E Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
More results

Similar Description - HMC757

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC864 HITTITE-HMC864_10 Datasheet
313Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
logo
Analog Devices
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC863 HITTITE-HMC863_09 Datasheet
302Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC863 HITTITE-HMC863_10 Datasheet
707Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com