Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC749LC3C Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC749LC3C
Description  26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC749LC3C Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC749LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC749LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 182
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Power Supply Voltage (Vcc)
-0.5V to +3.7V
Input Signals
Vcc - 2V to Vcc + 0.5V
Output Signals
+1V to +3.7V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
HMC749LC3C
v01.1208
26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE
OUTPUT VOLTAGE & POSITIVE SUPPLY
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING:
30-80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKEL.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
7. PADDLE MUST BE SOLDERED TO GND.


Similar Part No. - HMC749LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC749LC3C HITTITE-HMC749LC3C Datasheet
545Kb / 8P
   26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC749LC3C HITTITE-HMC749LC3C_11 Datasheet
545Kb / 8P
   26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC749LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC749LC3C HITTITE-HMC749LC3C_11 Datasheet
545Kb / 8P
   26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC679LC3C HITTITE-HMC679LC3C Datasheet
469Kb / 8P
   26 GHz, T FLIP-FLOP w/ RESET & PROGRAMMABLE OUTPUT VOLTAGE
HMC729LC3C HITTITE-HMC729LC3C Datasheet
473Kb / 8P
   26 GHz, T-TYPE FLIP-FLOP w/ RESET
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC853LC3C HITTITE-HMC853LC3C_09 Datasheet
289Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC841LC4B HITTITE-HMC841LC4B Datasheet
1Mb / 8P
   43 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Analog Devices
HMC859LC3 AD-HMC859LC3 Datasheet
429Kb / 8P
   26 GHz, DIVIDE-BY-8 WITH RESET & PROGRAMMABLE OUTPUT VOLTAGE
logo
Hittite Microwave Corpo...
HMC723LP3E HITTITE-HMC723LP3E Datasheet
605Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com