Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC743LP6CE Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC743LP6CE
Description  0.5 dB LSB GaAs MMIC 12-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC743LP6CE Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC743LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
13 - 127
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
HMC743LP6C / 743LP6CE
v02.0709
0.5 dB LSB GaAs MMIC 12-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Noise Figure vs. Frequency [1]
Input Attenuator Relative Attenuation
(Major States)
Input Attenuator Bit Error vs.
Frequency (Major States)
Input Attenuator Bit Error vs.
Attenuation State (Major Frequencies)
Output Attenuator Relative Attenuation
(Major Steps)
Input Attenuator Relative Phase vs.
Frequency (Major States)
0.7 to 4.0 GHz Tuning
0
4
8
12
16
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
16dB
8dB
4dB
0.5, 1, 2dB
-2
-1
0
1
2
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
8, 16dB
0.5, 1, 2, 4dB
-1
0
1
2
3
0
8
16
24
32
40
48
56
64
RELATIVE GAIN STATE (dB)
2.0, 3.0GHz
1.0, 4.0GHz
-30
-20
-10
0
10
20
30
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
16dB
8dB
-35
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
16dB
8dB
4dB
0.5, 1, 2dB
[1] Max Gain State


Similar Part No. - HMC743LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC743LP6CE HITTITE-HMC743LP6CE Datasheet
979Kb / 14P
   0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results

Similar Description - HMC743LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC743LP6C HITTITE-HMC743LP6C_11 Datasheet
979Kb / 14P
   0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com