Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC742LP5E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC742LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC742LP5E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC742LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC742LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
13 - 111
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
HMC742LP5E
v03.0709
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
Maximum Gain vs. Frequency
Input Return Loss
Output Return Loss
Relative Gain Setting
(Referenced to Maximum Gain State)
Bit Error vs. Frequency
Bit Error vs. Relative Gain
0.5 to 4.0 GHz Tuning
0
4
8
12
16
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
16dB
8dB
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
4dB
16dB
31.5dB
0dB
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
0dB
-2
-1
0
1
2
3
4
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
1dB
31.5dB
8dB
-1
0
1
2
3
0
4
8
12
16
20
24
28
32
RELATIVE GAIN STATE (dB)
1.0, 4.0GHz
2.0, 3.0GHz


Similar Part No. - HMC742LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
1Mb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E_10 Datasheet
1Mb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results

Similar Description - HMC742LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E_10 Datasheet
1Mb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC627LP5 HITTITE-HMC627LP5_10 Datasheet
1,023Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
HMC743LP6C HITTITE-HMC743LP6C_11 Datasheet
979Kb / 14P
   0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com