Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPL-000817-015CPC Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPL-000817-015CPC
Description  LDMOS RF Line Power FET Transistor 15 W , 800-1700 MHz, 26V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPL-000817-015CPC Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPL-000817-015CPC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPL-000817-015CPC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPL-000817-015CPC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPL-000817-015CPC Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPL-000817-015CPC Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPL-000817-015CPC Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
LDMOS RF Line Power FET Transistor
15 W , 800-1700 MHz, 26V
M/A-COM Products
Released - Rev. 07.08
MAPL-000817-015CPC
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Figure 1. 1620-1670 MHz Test Fixture Schematic


Similar Part No. - MAPL-000817-015CPC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
More results

Similar Description - MAPL-000817-015CPC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
MAPL-000817-015C00 MACOM-MAPL-000817-015C00 Datasheet
246Kb / 8P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
logo
M/A-COM Technology Solu...
MAPLST1900-060CF MA-COM-MAPLST1900-060CF Datasheet
205Kb / 7P
   LDMOS RF Line Power FET Transistor 60 W , 1890-1925 MHz, 26V
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
182Kb / 6P
   LDMOS RF Line Power FET Transistor 30 W , 1600-1700 MHz, 28V
MAPL-000822-002PP MA-COM-MAPL-000822-002PP Datasheet
278Kb / 10P
   LDMOS RF Line Power FET Transistor 2 W , 800-2200 MHz, 28V
MAPLST2122-030CF MA-COM-MAPLST2122-030CF Datasheet
188Kb / 7P
   LDMOS RF Line Power FET Transistor 30 W , 2110-2170 MHz, 28V
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
logo
Infineon Technologies A...
PTF141501E INFINEON-PTF141501E Datasheet
292Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 1450-1500 MHz, 1600-1700 MHz
Rev. 04, 2008-02-13
logo
Tyco Electronics
MAPLST1900-060CF MACOM-MAPLST1900-060CF Datasheet
234Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 60W, 26V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com