Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90-1107 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AT90-1107
Description  Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT90-1107 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AT90-1107 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT90-1107 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT90-1107 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT90-1107 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AT90-1107 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AT90-1107 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AT90-1107 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Rev. V15
AT90-1107
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR @ Insertion Loss
Attenuation Error, 0.5 dB Bit
Attenuation Error, 1 dB Bit
Typical Performance Curves
Insertion Loss
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2
per IPC/JEDEC J-STD-020. Parts shall be stored
and/or baked as required for MSL Level 2 parts.
Truth Table (Digital Attenuator)
C16
C8
C4
C2
C1
C0.
Attenuation
0
0
0
0
0
0
Loss, Reference
0
0
0
0
0
1
0.5 dB
0
0
0
0
1
0
1.0 dB
0
0
0
1
0
0
2.0 dB
0
0
1
0
0
0
4.0 dB
0
1
0
0
0
0
8.0 dB
1
0
0
0
0
0
16.0 dB
1
1
1
1
1
1
31.5 dB
0 = TTL Low; 1 = TTL High
2.0
3.0
4.0
5.0
6.0
0
1000
2000
3000
4000
Fre que ncy (MHz )
1.0
1.3
1.6
1.9
2.2
0
1000
2000
3000
4000
Fre que ncy (MHz )
I nput
Out put
-0.4
-0.2
0.0
0.2
0.4
0
1000
2000
3000
4000
Fre que ncy (MHz )
-0.4
-0.2
0.0
0.2
0.4
0
1000
2000
3000
4000
Frequency (MHz)


Similar Part No. - AT90-1107

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MACOM-AT90-1107 Datasheet
664Kb / 6P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
AT90-1107-TB MACOM-AT90-1107-TB Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107-TB MACOM-AT90-1107-TB Datasheet
664Kb / 6P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
AT90-1107TR MACOM-AT90-1107TR Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - AT90-1107

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com