Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPD-008072-ESSM26 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-008072-ESSM26
Description  E-Series 2-Way Power Divider 5 - 900 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-008072-ESSM26 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPD-008072-ESSM26 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-008072-ESSM26 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-008072-ESSM26 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E-Series 2-Way 0° Power Divider
5 – 900 MHz
MAPD-008072-ESSM26
V2P
3
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance @ +25° C
Amplitude Unbalance
Phase Unbalance
Output Return Loss
Input Return Loss


Similar Part No. - MAPD-008072-ESSM26

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way 0째 Power Divider
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26_15 Datasheet
69Kb / 3P
   2-Way Power Divider
More results

Similar Description - MAPD-008072-ESSM26

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 900 MHz
logo
M/A-COM Technology Solu...
ESSM-2-6 MA-COM-ESSM-2-6 Datasheet
186Kb / 2P
   E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
MAPD-007249-ESML21 MA-COM-MAPD-007249-ESML21 Datasheet
50Kb / 2P
   E-Series 2-Way Power Divider 5 - 500 MHz
logo
Tyco Electronics
ESML-2-7 MACOM-ESML-2-7 Datasheet
32Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 750 MHz
logo
M/A-COM Technology Solu...
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
   E-Series RF 2-Way Power Divider 5-1000 MHz
logo
Tyco Electronics
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
   E-Series 2-Way 0o Power Divider 5-1000 MHz
logo
Tyco Electronics
ESSM-2-16 MACOM-ESSM-2-16 Datasheet
148Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESCJ-2-5 MACOM-ESCJ-2-5 Datasheet
30Kb / 1P
   E-Series 2-Way 180 Power Divider 5 - 200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com