Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAOC-009262-PKG003 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009262-PKG003
Description  Voltage Controlled Oscillator 7.4 - 8.2 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009262-PKG003 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009262-PKG003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009262-PKG003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009262-PKG003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009262-PKG003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009262-PKG003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Voltage Controlled Oscillator
7.4 - 8.2 GHz
Preliminary: Rev. V2P
MAOC-009262-PKG003
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead Free 5mm 32-Lead PQFN
Dimensions are in mm (inches)
Component
Value
Case Size Manufacturer
C1, C3, C4
100 pF
0402
Murata
C2
0.1
μF
0402
Murata
C5
10
μF
1206
AVX
Sample Board
RFout
RFout/2
808424_B
VBUF
GND
VTU
GND
VCC
J1
C1
C2
C5
C4
C3
Tyco
Electronics


Similar Part No. - MAOC-009262-PKG003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009262-PKG003 MA-COM-MAOC-009262-PKG003 Datasheet
294Kb / 5P
   Voltage Controlled Oscillator
MAOC-009262-PKG003 MA-COM-MAOC-009262-PKG003_2 Datasheet
294Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-009262-PKG003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
7OSC0462 MIMIX-7OSC0462 Datasheet
278Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1002-BD MIMIX-XQ1002-BD Datasheet
196Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
8OSC0464 MIMIX-8OSC0464 Datasheet
276Kb / 5P
   7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1004-BD MIMIX-XQ1004-BD Datasheet
195Kb / 5P
   7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
logo
M/A-COM Technology Solu...
MAOC-009264-PKG003 MA-COM-MAOC-009264-PKG003 Datasheet
135Kb / 5P
   Voltage Controlled Oscillator 8.8 - 9.8 GHz
MAOC-009259-PKG003 MA-COM-MAOC-009259-PKG003 Datasheet
139Kb / 5P
   Voltage Controlled Oscillator 5.7 - 6.4 GHz
MAOC-009260-PKG003 MA-COM-MAOC-009260-PKG003 Datasheet
134Kb / 5P
   Voltage Controlled Oscillator 6.1 - 7.0 GHz
MAOC-009270-PKG003 MA-COM-MAOC-009270-PKG003 Datasheet
159Kb / 5P
   Voltage Controlled Oscillator 12.2 - 13.8 GHz
MAOC-009261-PKG003 MA-COM-MAOC-009261-PKG003 Datasheet
135Kb / 5P
   Voltage Controlled Oscillator 7.1 - 7.9 GHz
MAOC-009269-PKG003 MA-COM-MAOC-009269-PKG003 Datasheet
160Kb / 5P
   Voltage Controlled Oscillator 11.4 - 12.8 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com