Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMX-007674-LCM1MH Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-007674-LCM1MH
Description  E-Series Surface Mount Mixer 2 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-007674-LCM1MH Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMX-007674-LCM1MH Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-007674-LCM1MH Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
E-Series Surface Mount Mixer
2 – 500 MHz
MAMX-007674-LCM1MH
V1 P
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1, LO = +13 dBm
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
2 - 500
MHz
LO Frequency
2 - 500
MHz
IF Frequency
DC - 500
MHz
Conversion Loss
2 - 250
250 - 500
dB
dB
5.5
6.0
7.0
8.0
Isolation
LO to RF
2 - 20
20 - 250
250 – 500
dB
dB
dB
45
30
25
55
44
30
Isolation
LO to IF
2 - 20
20 - 250
250 – 500
dB
dB
dB
40
25
25
55
35
29
Input 1 dB Compression
0.5 - 500
dBm
9
Typical Performance Curves
LO - RF Isolation
Conversion Loss
LO - IF Isolation
-9
-8
-7
-6
-5
-4
0
100
200
300
400
500
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
Frequency (MHz)


Similar Part No. - MAMX-007674-LCM1MH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMX-007674-LCM1MH MACOM-MAMX-007674-LCM1MH Datasheet
127Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH_15 Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer
More results

Similar Description - MAMX-007674-LCM1MH

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ELCM-1MH MA-COM-ELCM-1MH Datasheet
163Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
Tyco Electronics
ELCM-1MH MACOM-ELCM-1MH Datasheet
209Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
EMRS-1MHX2 MACOM-EMRS-1MHX2 Datasheet
100Kb / 1P
   2 - 500 MHz E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MACOM-MAMX-007674-LCM1MH Datasheet
127Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
EMRS-1LH MACOM-EMRS-1LH Datasheet
60Kb / 1P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
ELCM-1 MACOM-ELCM-1 Datasheet
199Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007607-ELCM1H MA-COM-MAMX-007607-ELCM1H Datasheet
136Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
Tyco Electronics
ELCM-1H MACOM-ELCM-1H Datasheet
212Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMXES0022 MACOM-MAMXES0022 Datasheet
51Kb / 2P
   E-Series Surface Mount Mixer 0.5 . 500 MHz
logo
M/A-COM Technology Solu...
ELCM-1H MA-COM-ELCM-1H Datasheet
162Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com