Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX100U-12S Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SX100U-12S
Description  100 & 150 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SX100U-12S Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SX100U-12S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SX100U-12S Datasheet HTML 2Page - Volgen Kaga Electronics Inc. SX100U-12S Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
51
MODEL
SX100U-05S
SX100U-12S
SX100U-15S
SX100U-24S
OUTPUT VOLTAGE
5 VDC
12 VDC
15 VDC
24 VDC
OUTPUT CURRENT
20.0 A
8.6 A
7.0 A
4.4 A
EFFICIENCY (TYP)
82%
85%
86%
87%
LINE REGULATION
10 mV
10 mV
10 mV
20 mV
LOAD REGULATION
20 mV
20 mV
20 mV
30 mV
RIPPLE NOISE
100 mVp-p
170 mVp-p
170 mVp-p
200 mVp-p
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.31 inches or 8 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 8-32 mounting holes standard
• Dimensions in mm
SX100U
(37)
(115 –0.5)
(10)
(142 –0.5)
(39 –1)
(19max)
(160 –1)
2-No. 8-32UNC
(MOUNTING HOLES)
V. ADJ.
LED
I/O TERMINAL M4
BOTTOM
(MOUNTING HOLES
2-No. 8-32UNC
SX100
(12)
NOTE:
*MOUNTING SCREWS NOT TO EXCEED
MAX. PENETRATION OF 8mm.
*REMOVE SHORT BAR BETWEEN
(+5) AND (+V), (-S) AND (0)
WHEN USE REMOTE SENSING.
*TOLERANCE –1mm.
*ALL DIMENSIONS IN INCH (mm)
INCH
5.590
0.394
1.457
4.526
1.535
0.472
0.748
6.299


Similar Part No. - SX100U-12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX100U-12S ETC1-SX100U-12S Datasheet
548Kb / 3P
   100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply
More results

Similar Description - SX100U-12S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SX15U-05S VOLGEN-SX15U-05S Datasheet
366Kb / 2P
   15 Watttt ,,120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX30U-05S VOLGEN-SX30U-05S Datasheet
380Kb / 2P
   30 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX50U-05S VOLGEN-SX50U-05S Datasheet
375Kb / 2P
   50 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN150-05S VOLGEN-SPN150-05S Datasheet
303Kb / 2P
   150 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN75-05S VOLGEN-SPN75-05S Datasheet
290Kb / 2P
   75 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN150 ETC1-SPN150 Datasheet
298Kb / 2P
   150 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP15U-03S VOLGEN-SP15U-03S Datasheet
324Kb / 2P
   15 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN100-05S VOLGEN-SPN100-05S Datasheet
287Kb / 2P
   100 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SP50U ETC1-SP50U Datasheet
332Kb / 2P
   50 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP50U-03S VOLGEN-SP50U-03S Datasheet
337Kb / 2P
   50 WATT,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com