Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD-1947 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # STD-1947
Description  ADAPTER - 90W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-1947 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  STD-1947 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-1947 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NO
MODEL NAME
Voltage(V)
Current(A)
Power(W)
1
STD-1207
12
7
84
2
STD-1506
15
6
90
3
STD-1656
16
5.6
90
4
STD-1805
18
5
90
5
STD-1947
19
4.7
90
6
STD-2045
20
4.5
90
7
STD-2437
24
3.75
90
MECHANICAL DRAWING
MODEL
Kaga Electronics (USA) Inc.
www.volgen.com
information@volgen.com


Similar Part No. - STD-1947

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-1926P VOLGEN-STD-1926P Datasheet
125Kb / 2P
   ADAPTER - 50W
STD-1932 VOLGEN-STD-1932 Datasheet
103Kb / 2P
   ADAPTER - 36W / 48W/ 60W
STD-1934P VOLGEN-STD-1934P Datasheet
125Kb / 2P
   ADAPTER - 65W
More results

Similar Description - STD-1947

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP090-ABBU3 FSP-FSP090-ABBU3 Datasheet
526Kb / 3P
   90W 19V Adapter
2021.04
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
   90W Output Power
logo
Ningbo Leison Motor Co....
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
   Induction Motor 90W
LS-Z5D90-5GU NINGBO-LS-Z5D90-5GU Datasheet
778Kb / 1P
   DC Motor 90W
logo
Mospec Semiconductor
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
2N6315 MOSPEC-2N6315 Datasheet
165Kb / 4P
   POWER TRANSISTORS(7.0A,90W)
logo
PULS GmbH
ML100.102 PULS-ML100.102 Datasheet
232Kb / 2P
   DC 12-15V / 90W
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
logo
Ningbo Leison Motor Co....
LS-5RK90-5GU NINGBO-LS-5RK90-5GU Datasheet
874Kb / 1P
   AC Reversible Motor 90W
logo
RF Micro Devices
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com