Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD-2412 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # STD-2412
Description  ADAPTER-30W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-2412 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-2412 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-2412 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kaga Electronics(USA) Inc.
ADAPTER-30W
FEATURE
IEC 320/C8
Input range
90-264V/47~63Hz,0.7A max.
Output
5V~24V/1.25A~5A(30W max.)
Efficiency
80% typical
Protection
Short circuit protection/Over voltage protection
Load regulation
±5%
Leakage current
Less than 0.25mA
M.T.B.F.
50,000 hours min. at 25°C, full load
Cable type
UL2468/18AWG or 20AWG
Dimension
95X58X34
Weight(reference)
230g
APPLICATION
Telecommunication,Wireless device Computer,MODEM; Industrial controller, OA system
SAFETY & EMI
Safety
UL/cUL/GS/CB/PSE/BSMI
EMI
CE/FCC Class B , Conduction & Radiation MEET
ENVIRONMENTAL
Operating temperature0~+40°C
Storage Temperature -20~+60°C
Relative Humidity
(operating)20~80%RH (storage)10~90%RH
Desktop


Similar Part No. - STD-2412

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-24006T VOLGEN-STD-24006T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-24008T VOLGEN-STD-24008T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-2421P VOLGEN-STD-2421P Datasheet
125Kb / 2P
   ADAPTER - 50W
STD-2425 VOLGEN-STD-2425 Datasheet
103Kb / 2P
   ADAPTER - 36W / 48W/ 60W
STD-2425AF VOLGEN-STD-2425AF Datasheet
103Kb / 2P
   ADAPTER - 36W / 48W/ 60W
More results

Similar Description - STD-2412

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRG30RAV CINCON-TRG30RAV Datasheet
268Kb / 2P
   30W SWITCHING ADAPTER
TRG30R CINCON-TRG30R Datasheet
276Kb / 2P
   30W SWITCHING ADAPTER
logo
Power Integrations, Inc...
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
logo
CINCON ELECTRONICS Corp...
TR30RAM CINCON-TR30RAM Datasheet
304Kb / 2P
   30W MEDICAL SWITCHING ADAPTER
TR30RDM CINCON-TR30RDM Datasheet
372Kb / 2P
   30W MEDICAL SWITCHING ADAPTER
logo
Phihong USA Inc.
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
   30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT_14 Datasheet
101Kb / 3P
   30W Power over Ethernet Adapter
POE31U PHIHONG-POE31U Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com