Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24L216128DA-70TIG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L216128DA-70TIG
Description  2-Mbit (128K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L216128DA-70TIG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M24L216128DA-70TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ESMT
M24L216128DA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2008
Revision : 1.2
1/14
PSRAM
2-Mbit (128K x 16)
Pseudo Static RAM
Features
Advanced low-power architecture
• High speed: 55 ns, 70 ns
• Wide voltage range: 2.7V to 3.6V
• Typical active current: 1 mA @ f = 1 MHz
• Low standby power
• Automatic power-down when deselected
Functional Description
The M24L216128DA is a high-performance CMOS pseudo
static RAM (PSRAM) organized as 128K words by 16 bits that
supports an asynchronous memory interface. This device
features advanced circuit design to provide ultra-low active
current. This is ideal for portable applications such as cellular
telephones. The device can be put into standby mode,
reducing power consumption dramatically when deselected
(
1
CE HIGH, CE2 LOW or both BHE and BLE are HIGH).
The input/output pins(I/O0 through I/O15) are placed in a
high-impedance state when the chip is deselected (
1
CE
HIGH, CE2 LOW) or OE is deasserted HIGH), or during a
write operation (Chip Enabled and Write Enable WE LOW).
Reading from the device is accomplished by asserting the
Chip Enables (
1
CE LOW and CE2 HIGH) and Output Enable
(OE) LOW while forcing the Write Enable ( WE ) HIGH. If Byte
Low Enable ( BLE ) is LOW, then data from the memory
location specified by the address pins will appear on I/O0 to
I/O7. If Byte High Enable ( BHE ) is LOW, then data from
memory will appear on I/O8 to I/O15. Seethe Truth Table for a
complete description of read and write modes.
Logic Block Diagram


Similar Part No. - M24L216128DA-70TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55BEG ESMT-M24L216128SA-55BEG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55BIG ESMT-M24L216128SA-55BIG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55TEG ESMT-M24L216128SA-55TEG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55TIG ESMT-M24L216128SA-55TIG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
More results

Similar Description - M24L216128DA-70TIG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
   2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com