Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24L216128DA-70TEG Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L216128DA-70TEG
Description  2-Mbit (128K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L216128DA-70TEG Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M24L216128DA-70TEG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L216128DA-70TEG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ESMT
M24L216128DA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2008
Revision : 1.2
2/14
Pin Configuration[2, 3, 4]
48-ball VFBGA
Top View
44-pin TSOPII
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE1
I/O0
I/O1
I/O2
I/O3
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
BHE
BL E
I/O15
I/O14
I/O13
I/O12
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A16
A15
A14
A13
A12
VSS
VCC
I/ O1 1
I/ O1 0
I/ O9
I/ O8
CE2
A8
A9
A1 0
A11
NC


Similar Part No. - M24L216128DA-70TEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55BEG ESMT-M24L216128SA-55BEG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55BIG ESMT-M24L216128SA-55BIG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55TEG ESMT-M24L216128SA-55TEG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55TIG ESMT-M24L216128SA-55TIG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
More results

Similar Description - M24L216128DA-70TEG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
   2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com