Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24L48512DA-55BIG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L48512DA-55BIG
Description  4-Mbit (512K x 8) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L48512DA-55BIG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M24L48512DA-55BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M24L48512DA-55BIG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ESMT
M24L48512DA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.1
9/12
Truth Table[17]
1
CE
CE2
OE
WE
I/O0–I/O7
Mode
Power
H
X
X
X
High Z
Power-down
Standby (ISB)
X
L
X
X
High Z
Power-down
Standby (ISB)
L
H
L
H
Data Out
Read
Active (ICC)
L
H
X
L
Data in
Write
Active (ICC)
L
H
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed (ns)
Ordering Code
Package Type
Operating Range
55
M24L48512DA-55BEG
36-Lead VFBGA (6 x 8 x 1 mm) (pb-free)
Extended
60
M24L48512DA -60BEG
36-Lead VFBGA (6 x 8 x 1 mm) (pb-free)
Extended
70
M24L48512DA -70BEG
36-Lead VFBGA (6 x 8 x 1 mm) (pb-free)
Extended
55
M24L48512DA-55BIG
36-Lead VFBGA (6 x 8 x 1 mm) (pb-free)
Industrial
60
M24L48512DA-60BIG
36-Lead VFBGA (6 x 8 x 1 mm) (pb-free)
Industrial
70
M24L48512DA-70BIG
36-Lead VFBGA (6 x 8 x 1 mm) (pb-free)
Industrial
Note:
17.H = Logic HIGH, L = Logic LOW, X = Don’t Care.


Similar Part No. - M24L48512DA-55BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA-55BEG ESMT-M24L48512SA-55BEG Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA-55BIG ESMT-M24L48512SA-55BIG Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA-60BEG ESMT-M24L48512SA-60BEG Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA-60BIG ESMT-M24L48512SA-60BIG Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
More results

Similar Description - M24L48512DA-55BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com