Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24L216128DA Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L216128DA
Description  2-Mbit (128K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L216128DA Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M24L216128DA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L216128DA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ESMT
M24L216128DA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2008
Revision : 1.2
5/14
AC Test Loads and Waveforms
Parameters
3.0V VCC
Unit
R1
22000
R2
22000
RTH
11000
VTH
1.50
V
Switching Characteristics Over the Operating Range[10]
-55 [14]
-70
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
55[14]
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
10
ns
tACE
1
CE LOW and CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to LOW Z[11, 12]
5
5
ns
tHZOE
OE HIGH to High Z[11, 12]
25
25
ns
tLZCE
1
CE LOW and CE2 HIGH to Low Z[11, 12]
2
5
ns
tHZCE
1
CE HIGH and CE2 LOW to High Z[11, 12]
25
25
ns
tDBE
BLE
/ BHE LOW to Data Valid
55
70
ns
tLZBE
BLE
/ BHE LOW to Low Z[11, 12]
5
5
ns
tHZBE
BLE
/ BHE HIGH to High Z[11, 12]
10
25
ns
tSK[14]
Address Skew
0
10
ns
Write Cycle[12]
tWC
Write Cycle Time
55
70
ns
tSCE
1
CE LOW and CE2 HIGH to Write End
45
55
ns
tAW
Address Set-Up to Write End
45
55
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
Notes:
10. Test conditions assume signal transition time of 1 V/ns or higher, timing reference levels of VCC(typ)/2, input pulse levels of 0V
to VCC(typ), and output loading of the specified IOL/IOH and 30-pF load capacitance.
11. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedance state.
12. High-Z and Low-Z parameters are characterized and are not 100% tested.
13. The internal write time of the memory is defined by the overlap of WE ,
1
CE = VIL, CE2 = VIH, BHE and/or BLE = VIL.
All signals must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data
input set-up and hold timing should be referenced to the edge of the signal that terminates write.
14. To achieve 55-ns performance, the read access should be Chip-enable controlled. In this case tACE is the critical parameter
and tSK is satisfied when the addresses are stable prior to chip enable going active. For the 70-ns cycle, the addresses must
be stable within 10 ns after the start of the read cycle.


Similar Part No. - M24L216128DA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55BEG ESMT-M24L216128SA-55BEG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55BIG ESMT-M24L216128SA-55BIG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55TEG ESMT-M24L216128SA-55TEG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA-55TIG ESMT-M24L216128SA-55TIG Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
More results

Similar Description - M24L216128DA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
   2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com