Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24L28256DA Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L28256DA
Description  2-Mbit (256K x 8) Pseudo Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L28256DA Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M24L28256DA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L28256DA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESMT
M24L28256DA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2007
Revision : 1.0
3/10
Maximum Ratings
(Above which the useful life may be impaired. For user
guide-lines, not tested.)
Storage Temperature ...................................–65°C to +150°C
Ambient Temperature with
Power Applied ..............................................–40°C to +85°C
Supply Voltage to
Ground Potential . ............... ............ ...........−0.4V to 4.6V
DC Voltage Applied to Outputs
in High-Z State[3, 4, 5] .................................−0.4V to 3.7V
DC Input Voltage[3, 4, 5].................... .........−0.4V to 3.7V
Output Current into Outputs (LOW) ...............................20 mA
Static Discharge Voltage ........................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current ....................................................> 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VCC
Extended
−25°C to +85°C
2.7V to 3.3V
Electrical Characteristics
(Over the Operating Range)
-55
-70
Parameter
Description
Test Conditions
Min.
Typ.
[2]
Max.
Min.
Typ.
[2]
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.3
2.7
3.3
V
VOH
Output HIGH
Voltage
IOH = −0.1 mA
VCC-
0.4
VCC-
0.4
V
VOL
Output LOW
Voltage
IOL = 0.1 mA
0.4
0.4
V
VIH
Input HIGH
Voltage
0.8*
VCC
VCC+
0.4
0.8*
VCC
VCC
+0.4
V
VIL
Input LOW
Voltage
-0.4
0.4
-0.4
0.4
V
IIX
Input Leakage
Current
GND ≤VIN ≤ VCC
-1
+1
-1
+1
µA
IOZ
Output Leakage
Current
GND ≤ VOUT ≤ VCC , Output
Disable
-1
+1
-1
+1
µA
f = fMAX = 1/tRC
14
22
8
15
ICC
VCC Operating
Supply Current
f = 1 MHz
VCC = 3.3V
IOUT = 0mA
CMOS levels
1
5
1
5
mA
ISB1
Automatic CE 1
Power-Down
Current
—CMOS Inputs
CE 1 ≥ VCC−0.2V, CE2 ≤ 0.2V
VIN ≥ VCC − 0.2V, VIN ≤ 0.2V,
f = fMAX (Address and Data Only),
f = 0
40
250
40
250
µA
ISB2
Automatic CE 1
Power-Down
Current
—CMOS Inputs
CE 1 ≥ VCC−0.2V, CE2 ≤ 0.2V
VIN ≥ VCC − 0.2V, VIN ≤ 0.2V,
f = 0, VCC = 3.3V
9
40
9
40
µA
Capacitance
[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
8
pF
COUT
Output Capacitance
TA = 25°C, f = 1 MHz
VCC = VCC(typ)
8
pF
Thermal Resistance
[6]
Parameter
Description
Test Conditions
BGA
Unit
ΘJA
Thermal Resistance(Junction to Ambient)
55
°C/W
ΘJC
Thermal Resistance (Junction to Case)
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/ JESD51.
17
°C/W
Notes:
3.VIH(MAX) = VCC + 0.5V for pulse durations less than 20 ns.
4.VIL(MIN) = –0.5V for pulse durations less than 20 ns.
5.Overshoot and undershoot specifications are characterized and are not 100% tested.
6.Tested initially and after design or process changes that may affect these parameters.


Similar Part No. - M24L28256DA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
M24L28256SA-55BEG ESMT-M24L28256SA-55BEG Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
M24L28256SA-55BIG ESMT-M24L28256SA-55BIG Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
M24L28256SA-70BEG ESMT-M24L28256SA-70BEG Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
M24L28256SA-70BIG ESMT-M24L28256SA-70BIG Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results

Similar Description - M24L28256DA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com