Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24L16161ZA-70BIG Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L16161ZA-70BIG
Description  16-Mbit (1M x 16) Pseudo Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L16161ZA-70BIG Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M24L16161ZA-70BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M24L16161ZA-70BIG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ESMT
M24L16161ZA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2007
Revision : 1.0
7/15
Maximum Ratings
(Above which the useful life may be impaired. For user
guide-lines, not tested.)Storage
Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied.............................................–55°C to +125°C
Supply Voltage to
Ground Potential..............................–0.3V to VCCMAX + 0.3V
DC Voltage Applied to Outputs
in High Z State[8, 9, 10]......................–0.3V to VCCMAX + 0.3V
DC Input Voltage[8, 9, 10]..................–0.3V to VCCMAX + 0.3V
Output Current into Outputs (LOW).............................20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)Latch-Up
Current....................................................> 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VCC
Industrial
−40°C to +85°C
2.2V to 3.6V
DC Electrical Characteristics (Over the Operating Range) [8, 9, 10]
-70
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
VCC
Supply Voltage
2.2
3.0
3.6
V
VOH
Output HIGH
Voltage
IOH = −0.1 mA
VCC = 2.2V to 3.6V
VCC-0.2
V
VOL
Output LOW
Voltage
IOL = 0.1 mA, VCC = 2.2V to 3.6V
0.2
V
VIH
Input HIGH
Voltage
VCC = 2.2V to 3.6V
0.8* VCC
VCC+0.3V
V
VIL
Input LOW Voltage
VCC = 2.2V to 3.6V
-0.3
0.2* VCC
V
IIX
Input Leakage
Current
GND
≤ VIN < VCC
-1
+1
µA
IOZ
Output Leakage
Current
GND
≤ VOUT ≤ VCC
-1
+1
µA
f = fMAX = 1/tRC
VCC= VCCmax
IOUT = 0mA
CMOS levels
18
25
ICC
VCC Operating
Supply Current
f = 1 MHz
3
5
mA
ISB1
Automatic CE
Power-Down
Current
—CMOS Inputs
CE > VCC − 0.2V, VIN > VCC − 0.2V, VIN <
0.2V, f = fMAX (Address and Data Only), f
= 0
( OE , WE , BHE and BLE ),
VCC=3.60V, ZZ
≥ VCC – 0.2V
55
70
µA
ISB2
Automatic CE
Power-Down
Current
—CMOS Inputs
CE > VCC−0.2V, VIN > VCC − 0.2V or VIN
< 0.2V, f = 0, VCC = VCCMAX,
ZZ
≥ VCC – 0.2V
55
70
µA
IZZ
Deep Sleep
Current
VCC = VCCMAX, ZZ < 0.2V, CE = HIGH or
BHE and BLE = HIGH
10
µA
Capacitance[11]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
VCC = VCC(typ)
8
pF
Notes:
8. VIL(MIN) = –0.5V for pulse durations less than 20 ns.
9.VIH(Max) = VCC + 0.5V for pulse durations less than 20 ns.
10.Overshoot and undershoot specifications are characterized and are not 100% tested.
11.Tested initially and after any design or process changes that may affect these parameters..


Similar Part No. - M24L16161ZA-70BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
M24L16161DA-70BIG ESMT-M24L16161DA-70BIG Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
More results

Similar Description - M24L16161ZA-70BIG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
M24D16161ZA ESMT-M24D16161ZA Datasheet
268Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16ZCC CYPRESS-CYU01M16ZCC Datasheet
503Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCCU CYPRESS-CYU01M16SCCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com