Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSBH-1215 Datasheet(PDF) 3 Page - Volgen Kaga Electronics Inc.

Part # MSBH-1215
Description  2 WATT DC//DC CONVERTER, SIIP PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MSBH-1215 Datasheet(HTML) 3 Page - Volgen Kaga Electronics Inc.

  MSBH-1215 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MSBH-1215 Datasheet HTML 2Page - Volgen Kaga Electronics Inc. MSBH-1215 Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
400 mA
222 mA
167 mA
133 mA
400 mA
222 mA
167 mA
133 mA
400 mA
222 mA
167 mA
133 mA
400 mA
222 mA
167 mA
133 mA
34
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
PART NUMBER
MSL - 0505
MSL - 0509
MSL - 0512
MSL - 0515
MSL - 1205
MSL - 1209
MSL - 1212
MSL - 1215
MSL - 1505
MSL - 1509
MSL - 1512
MSL - 1515
MSL - 2405
MSL - 2409
MSL - 2412
MSL - 2415
5 VDC
9 VDC
12 VDC
15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
70 %
75 %
78 %
80 %
70 %
75 %
78 %
80 %
70 %
75 %
78 %
80 %
70 %
75 %
78 %
80 %
OUTPUT VOLTAGE
INPUT VOLTAGE
5 VDC
12VDC
OUTPUT CURRENT
EFFICIENCY
15 VDC
24 VDC
Pin Connections
Pin#
Single
1
2
3
4
-INPUT
+INPUT
-OUTPUT
+OUTPUT
MSL SERIES
0.080"
Typ.
0.020"
Typ.
0.100" x 3
Min.
0.120"
0.460"
Max.
Top View
Bottom View
Typ.
0.050"
*TERMINAL
0.020" x 0.010" FLAT PIN
NOTE:
1
2
3
4
MSL - Single Output


Similar Part No. - MSBH-1215

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSBH-G ADAM-TECH-MSBH-G Datasheet
90Kb / 1P
   MINI SHUNT 100 WITH HANDLE GOLD FLASH
MSBH-G-H105 ADAM-TECH-MSBH-G-H105 Datasheet
67Kb / 1P
   MINI SHUNT WITH HANDLE HEIGHT
MSBH-T ADAM-TECH-MSBH-T Datasheet
90Kb / 1P
   MINI SHUNT WITH HANDLE TIN PLATED
MSBH-X ADAM-TECH-MSBH-X Datasheet
86Kb / 1P
   MINI SHUNT HANDLE TOP HEIGHT
MSBH-X-A ADAM-TECH-MSBH-X-A Datasheet
69Kb / 1P
   MINI SHUNT HANDLE TOP HEIGHT
More results

Similar Description - MSBH-1215

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MSB-0505 VOLGEN-MSB-0505 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com