Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A
Description  4M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S2561616A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ESMT
M13S2561616A
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2009
Revision : 2.0
7/49
AC Timing Parameter & Specifications-continued
-4
-5
-6
Parameter
Symbol
min
max
min
max
min
max
Unit
Half Clock Period
tHP
tCLmin or
tCHmin
-
tCLmin or
tCHmin
-
tCLmin or
tCHmin
-
ns
DQ-DQS output hold time
tQH
tHP-tQHS
-
tHP-tQHS
-
tHP-tQHS
-
ns
Data hold skew factor
tQHS
-
0.45
-
0.45
-
0.5
ns
ACTIVE to PRECHARGE command
tRAS
40
70K
40
70K
42
70K
ns
Row Cycle Time
tRC
52
-
55
-
60
-
ns
AUTO REFRESH Row Cycle Time
tRFC
64
-
70
-
72
-
ns
ACTIVE to READ,WRITE delay
tRCD
15
-
15
-
18
-
ns
PRECHARGE command period
tRP
15
-
15
-
18
-
ns
ACTIVE to READ with AUTOPRECHARGE
command
tRAP
18
120K
18
120K
18
120K
ns
ACTIVE bank A to ACTIVE bank B
command
tRRD
8
-
10
-
12
-
ns
Write recovery time
tWR
15
-
15
-
15
-
ns
Write data in to READ command delay
tWTR
2
-
2
-
1
-
tCK
Col. Address to Col. Address delay
tCCD
1
-
1
-
1
-
tCK
Average periodic refresh interval
tREFI
-
7.8
-
7.8
-
7.8
us
Write preamble
tWPRE
0.25
-
0.25
-
0.25
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Clock to DQS write preamble setup time
tWPRES
0
-
0
-
0
-
ns
Load Mode Register / Extended Mode
register cycle time
tMRD
2
-
2
-
1
-
tCK
Exit self refresh to READ command
tXSRD
200
-
200
-
200
-
tCK
Exit self refresh to non-READ command
tXSNR
75
-
75
-
75
-
ns
Autoprecharge write recovery + Precharge
time
tDAL
30
-
30
-
-
30
ns


Similar Part No. - M13S2561616A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-4TG ESMT-M13S2561616A-4TG Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S2561616A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com