Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRD10F-1515 Datasheet(PDF) 3 Page - Volgen Kaga Electronics Inc.

Part # KRD10F-1515
Description  PCB Mountable Switching Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KRD10F-1515 Datasheet(HTML) 3 Page - Volgen Kaga Electronics Inc.

  KRD10F-1515 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. KRD10F-1515 Datasheet HTML 2Page - Volgen Kaga Electronics Inc. KRD10F-1515 Datasheet HTML 3Page - Volgen Kaga Electronics Inc. KRD10F-1515 Datasheet HTML 4Page - Volgen Kaga Electronics Inc. KRD10F-1515 Datasheet HTML 5Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Measurement circuit
(Dual)
Vr: Measure point of line/load regulation and output voltage.
Vn: Measure point of ripple and noise.(Bayonet tip probe used)
C : 0.1uF film capacitor
It provides for this specifications at 25℃.


Similar Part No. - KRD10F-1515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3420A LITTELFUSE-KRD3420A Datasheet
587Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3421A LITTELFUSE-KRD3421A Datasheet
587Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3434A LITTELFUSE-KRD3434A Datasheet
587Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
KRD9 LITTELFUSE-KRD9 Datasheet
612Kb / 2P
   Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062216
More results

Similar Description - KRD10F-1515

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AZC ARCH-AZC Datasheet
203Kb / 2P
   Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
   Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
   Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
   Switching Power Module for PCB Mountable
ALC ARCH-ALC Datasheet
262Kb / 3P
   Switching Power Module for PCB Mountable
ANCN ARCH-ANCN Datasheet
199Kb / 5P
   Switching Power Module for PCB Mountable
AUC ARCH-AUC Datasheet
194Kb / 2P
   Switching Power Module for PCB Mountable
MFC15 ARCH-MFC15 Datasheet
314Kb / 4P
   Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com